Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 161 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 161 Page - NEC

Back Button D17133CS Datasheet HTML 157Page - NEC D17133CS Datasheet HTML 158Page - NEC D17133CS Datasheet HTML 159Page - NEC D17133CS Datasheet HTML 160Page - NEC D17133CS Datasheet HTML 161Page - NEC D17133CS Datasheet HTML 162Page - NEC D17133CS Datasheet HTML 163Page - NEC D17133CS Datasheet HTML 164Page - NEC D17133CS Datasheet HTML 165Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 289 page
background image
CHAPTER 14
INTERRUPT FUNCTIONS
146
14.1 INTERRUPT SOURCES AND VECTOR ADDRESS
For every interrupt in the
µPD17120 subseries, when the interrupt is accepted, a branch occurs to the vector
address associated with the interrupt source. This method is called the vectored interrupt method. Table 14-1 lists
the interrupt sources and vector addresses.
If two or more interrupt requests occur or the retained interrupt requests are enabled at the same time, they are
handled according to priorities shown in Table 14-1.
Table 14-1. Interrupt Source Types
Vector
Internal/
Address
External
INT pin (RF: 0FH, bit 0)
1
0003H
IRQ
IP
IEGMD0, 1 External
Rising edge or falling
RF: 3FH, RF: 2FH, RF: 1FH
Edge can be selected.
bit 0
bit 0
Timer
2
0002H
IRQTM
IPTM
Internal
RF: 3EH, RF: 2FH,
–
bit 0
bit 1
SIO
3
0001H
IRQSIO
IPSIO
Internal
RF: 3DH, RF: 2FH,
–
bit 0
bit 2
Interrupt Source
Priority
IRQ Flag
IP Flag
IEG Flag
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com