Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 191 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 191 Page - NEC

Back Button D17133CS Datasheet HTML 187Page - NEC D17133CS Datasheet HTML 188Page - NEC D17133CS Datasheet HTML 189Page - NEC D17133CS Datasheet HTML 190Page - NEC D17133CS Datasheet HTML 191Page - NEC D17133CS Datasheet HTML 192Page - NEC D17133CS Datasheet HTML 193Page - NEC D17133CS Datasheet HTML 194Page - NEC D17133CS Datasheet HTML 195Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 289 page
background image
CHAPTER 16
RESET
176
16.3.3 Condition Required for Use of the Power-Down Reset Function
The power-down reset function can be enabled or disabled using software. The following conditions are required
to use this function:
• The power voltage must be 4.5 to 5.5 V during normal operation, including the standby state.
• The frequency of the system clock oscillator must be 400 kHz to 4 MHz.Note
Note
µPD17121/17133/17P133 only
Caution When the microcontroller is used with a power voltage of 2.7 to 4.5 V, add an external reset circuit
instead of using the internal power-down reset circuit. If the internal power-down reset circuit
is used with a power voltage of 2.7 to 4.5 V, reset operation may not terminate.
16.3.4 Description and Operation of the Power-Down Reset Function
This function is enabled by setting the power-down reset enable flag (PDRESEN) using software.
When this function detects a power voltage drop, it issues the reset signal to the microcontroller. It then initializes
the microcontroller.
Stopping oscillation during reset prevents the power voltage in the microcontroller from
fluctuating out of control. When the specified power voltage recovers and the power-down reset operation is
terminated, the microcontroller waits the time required for stable oscillation using the timer. The microcontroller
then enters normal operation (starts from the top of memory).
Figure 16-4 shows an example of the power-down operation. Figure 16-5 shows an example of reset operation
during the period from power-down reset to power recovery.
Operation of the power-down reset circuit
<1> This circuit always monitors the voltage applied to the VDD pin.
<2> When this circuit detects a power voltage drop, it issues a reset signal to the other parts of the microcontroller.
It continues to send this reset signal until the power voltage recovers or all the functions in the microcontroller
stop.
<3> This circuit stops oscillation during the reset operation to prevent software crashes.
When the power voltage recovers to the low-voltage detection level (typically 3.5 V, 4.5 V maximum) before
the power-down reset function stops, the microcontroller waits the time required for stable oscillation using
timer, then enters normal operation mode.
<4> When the power voltage recovers from 0 V, the power-on reset function has priority.
<5> After the power-down reset function stops and the power voltage recovers before it reaches 0 V, the
microcontroller waits using timer until oscillation becomes stable and the power voltage (VDD) reaches
2.7 V. The microcontroller then enters normal operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com