Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 189 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 189 Page - NEC

Back Button D17133CS Datasheet HTML 185Page - NEC D17133CS Datasheet HTML 186Page - NEC D17133CS Datasheet HTML 187Page - NEC D17133CS Datasheet HTML 188Page - NEC D17133CS Datasheet HTML 189Page - NEC D17133CS Datasheet HTML 190Page - NEC D17133CS Datasheet HTML 191Page - NEC D17133CS Datasheet HTML 192Page - NEC D17133CS Datasheet HTML 193Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 289 page
background image
CHAPTER 16
RESET
174
16.3.2 Description and Operation of the Power-On Reset Function
The power-on reset function resets the microcontroller when it detects that power was turned on in the hardware,
regardless of the software state.
The power-on reset circuit operates under a lower voltage than the other internal circuits in the
µPD17120 subseries.
It initializes the microcontroller regardless whether the oscillation circuit is operating. When the reset operation is
terminated, timer counts the number of oscillation pulses sent from the oscillator until it reaches the specified value.
Within this period, oscillation becomes stable and the power voltage applied to the microcontroller enters the range
(VDD=2.7 to 5.5 V at 400 kHz to 4 MHzNote) in which the microcontroller is guaranteed to operate.
When this period elapses, the microcontroller enters normal operation mode. Figure 16-3 shows an example of
the power-on reset operation.
Note
µPD17121/17133/17P133 only
Operation of the power-on reset circuit
<1> This circuit always monitors the voltage applied to the VDD pin.
<2> This circuit resets the microcontroller Note until power reaches a particular voltage (typically 1.5 V), regardless
whether the oscillation circuit is operating.
<3> This circuit stops oscillation during the reset operation.
<4> When reset is terminated, timer counts oscillation pulses. The microcontroller waits until oscillation becomes
stable and the power voltage becomes VDD=2.7 V or higher.
Note It is from the point when the supply voltage has reached a level allowing the internal circuit to be operable
(accepting the internal reset signal) that the resetting takes effect within the microcontroller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com