Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 186 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 186 Page - NEC

Back Button D17133CS Datasheet HTML 182Page - NEC D17133CS Datasheet HTML 183Page - NEC D17133CS Datasheet HTML 184Page - NEC D17133CS Datasheet HTML 185Page - NEC D17133CS Datasheet HTML 186Page - NEC D17133CS Datasheet HTML 187Page - NEC D17133CS Datasheet HTML 188Page - NEC D17133CS Datasheet HTML 189Page - NEC D17133CS Datasheet HTML 190Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 289 page
background image
CHAPTER 16 RESET
The following 3 types of resets are provided in the
µPD17120 series.
<1> Reset by input to RESET.
<2> The power-on/power-down reset function when power is turned on or supply voltage drops.
<3> The address stack overflow/underflow reset function.
16.1 RESET FUNCTIONS
The reset functions are used to initialize device operations. The state to be initialized depends on the type of reset.
Table 16-1. State of Each Hardware Unit When Reset
Reset Type
• RESET Input during
• RESET Input during
Operation
Standby Mode
• Stack Overflow or
• Built-in Power-ON/Power-
• Built-in Power-ON/Power-
Underflow
DOWN Reset during
DOWN Reset during
Hardware
Operation
Standby Mode
Program Counter
0000H
0000H
0000H
Port
Input/Output mode
Input
Input
Input
Output latch
0
0
Undefined
General-Purpose
Other than DBF
Undefined
Retains the status immedi-
Undefined
Data Memory
ately preceding the resetting.
DBF
Undefined
Undefined
Undefined
System Register
Other than WR
0
0
0
WR
Undefined
Retains the status immedi-
Undefined
ately preceding the resetting.
Control Register
SP=5H; IRQTM1=1; TMEN=1; CMPVREF23=1Note;
SP=5H; INT retains the
CMPRSLT=1Note; INT retains the status of the INT pin at status of the INT pin at the
the time; all the others go to 0.
time; all the others go to 0.
Refer to 19.2 RESERVED SYMBOLS.
Timer
Count register
00H
00H
Undefined
Modulo register
FFH
FFH
FFH
Serial Interface's Shift Register
Undefined
Retains the status immedi-
Undefined
(SIOSFR)
ately preceding the resetting.
Note
µPD17132, 17133, 17P132, and 17P133 only.
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com