Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 184 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 184 Page - NEC

Back Button D17133CS Datasheet HTML 180Page - NEC D17133CS Datasheet HTML 181Page - NEC D17133CS Datasheet HTML 182Page - NEC D17133CS Datasheet HTML 183Page - NEC D17133CS Datasheet HTML 184Page - NEC D17133CS Datasheet HTML 185Page - NEC D17133CS Datasheet HTML 186Page - NEC D17133CS Datasheet HTML 187Page - NEC D17133CS Datasheet HTML 188Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 289 page
background image
CHAPTER 15
STANDBY FUNCTIONS
169
15.3.3 STOP Setting Condition
Cancellation by IRQ
×××
Cancellation by IRQ
• Sets the edge selection (IEGMD1, IEGMD0) for the signal that is input from the INT
pin.
• Sets the modulo register value of the timer (wait time for generation of oscillation
stability).
• Clears the interrupt request flag (IRQ) of the INT pin (to 0).
• Sets the interrupt enable flag (IP) of the INT pin (to 1.)
Cancellation by IRQSIO
• Sets the source clock to the external clock (SIOCK1=0, SIOCK0=0) that is input from
the SCK pin.
• Sets the serial interface to the operable state (SIOTS=1).
• Sets the modulo register value of the timer (wait time for generation of oscillation
stability).
• Clears the interrupt request flag (IRQSIO) of the serial interface (to 0).
• Sets the interrupt enable flag (IPSIO) of the serial interface (to 1).
Caution Be sure to code a NOP instruction immediately before the STOP instruction. The time of one
instruction is generated between the IRQ
××× operation instruction and the STOP instruction by
coding the NOP instruction immediately before the STOP instruction. Therefore, in the case of
the CLR1 IRQ
××× instruction, for example, the clearance of IRQ××× is correctly reflected in the
STOP instruction (Example 1). If a NOP instruction is not coded immediately before the STOP
instruction, the CLR1 IRQ
××× instruction is not reflected in the STOP instruction thus failing to
place the system in STOP mode (Example 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com