Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 182 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 182 Page - NEC

Back Button D17133CS Datasheet HTML 178Page - NEC D17133CS Datasheet HTML 179Page - NEC D17133CS Datasheet HTML 180Page - NEC D17133CS Datasheet HTML 181Page - NEC D17133CS Datasheet HTML 182Page - NEC D17133CS Datasheet HTML 183Page - NEC D17133CS Datasheet HTML 184Page - NEC D17133CS Datasheet HTML 185Page - NEC D17133CS Datasheet HTML 186Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 289 page
background image
CHAPTER 15
STANDBY FUNCTIONS
167
15.3 STOP MODE
15.3.1 STOP Mode Setting
Executing the STOP instruction places the system in STOP mode.
Operand b3b2b1b0 of the STOP instruction is the condition for canceling STOP mode.
Table 15-4. STOP Mode Cancellation Condition
Format: STOP b3b2b1b0B
Bit
STOP Mode Cancellation ConditionNote 1
b3
At 1, this bit enables cancellation by IRQ
×××.Note 2, 3
b2
"Fixed to 0"
b1
"Fixed to 0"
b0
"Fixed to 0"
Notes
1. At STOP 0000B, only the resets (RESET input; power-ON/power-DOWN reset) are valid.
The microcontroller is internally initialized to the state immediately following the resetting when STOP
0000B is executed.
2. It is required that IP
×××=1. Cancellation by IRQTM is not possible.
3. Even if the STOP instruction is executed when IRQ
×××=1, the STOP instruction is ignored (handled
as a NOP instruction) thus failing to place the system in STOP mode.
15.3.2 Start Address after STOP Mode Cancellation
The start address varies depending on the cancellation condition and the interrupt enable condition.
Table 15-5. Start Address After STOP Mode Cancellation
Cancellation Condition
Start Address after Cancellation
ResetNote 1
Address 0
IRQ
×××Note 2
If DI, the start address is the one following the STOP instruction
If EI, the start address is the interrupt vector.
(If more than one IRQ
××× have been set, the start address is the interrupt
vector with highest priority.)
Notes
1. Valid resets include the RESET input and power-ON/power-DOWN resets.
2. It is required that IP
×××=1. Cancellation by IRQTM is not possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com