Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 178 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 178 Page - NEC

Back Button D17133CS Datasheet HTML 174Page - NEC D17133CS Datasheet HTML 175Page - NEC D17133CS Datasheet HTML 176Page - NEC D17133CS Datasheet HTML 177Page - NEC D17133CS Datasheet HTML 178Page - NEC D17133CS Datasheet HTML 179Page - NEC D17133CS Datasheet HTML 180Page - NEC D17133CS Datasheet HTML 181Page - NEC D17133CS Datasheet HTML 182Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 289 page
background image
CHAPTER 15
STANDBY FUNCTIONS
163
15.2 HALT MODE
15.2.1 HALT Mode Setting
The system is placed in HALT mode by executing the HALT instruction. The HALT instruction's operands b3b2b1b0
are the conditions for canceling HALT mode.
Table 15-2. HALT Mode Cancellation Condition
Format: HALT b3b2b1b0B
Bit
Condition for Canceling HALT ModeNote 1
b3
At 1, cancellation by IRQ
××× is enabled.Notes 2, 4
b2
"Fixed to 0"
b1
At 1, forced cancellation by IRQTM is enabled.Note 3, 4
b0
"Fixed to 0"
Notes
1. At HALT 0000B, only the resets (RESET input; power-ON/power-DOWN reset) are valid.
2. It is required that IP
×××=1.
3. Regardless of the PITM's state, HALT mode is canceled.
4. Even if the HALT instruction is executed when IRQ
×××=1, the HALT instruction is ignored (handled
as the NOP instruction) thus failing to place the system in HALT mode.
15.2.2 Start Address after HALT Mode is Canceled
The start address varies depending on the cancellation condition and the interrupt enable condition.
Table 15-3. Start Address After HALT Mode Cancellation
Cancellation Condition Start Address After Cancellation
ResetNote 1
Address 0
IRQ
××Note 2
If DI, the start address is the one following the HALT instruction
If EI, the start address is the interrupt vector.
(If more than one IRQ
××× have been set, the start address is the interrupt
vector with a higher priority.)
Notes
1. Valid resets include the RESET input and power-ON/power-DOWN resets.
2. Except for forced cancellation by IRQTM, it is required that IP
×××=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com