Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 179 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 179 Page - NEC

Back Button D17133CS Datasheet HTML 175Page - NEC D17133CS Datasheet HTML 176Page - NEC D17133CS Datasheet HTML 177Page - NEC D17133CS Datasheet HTML 178Page - NEC D17133CS Datasheet HTML 179Page - NEC D17133CS Datasheet HTML 180Page - NEC D17133CS Datasheet HTML 181Page - NEC D17133CS Datasheet HTML 182Page - NEC D17133CS Datasheet HTML 183Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 289 page
background image
CHAPTER 15
STANDBY FUNCTIONS
164
Figure 15-1. Cancellation of HALT Mode
(a)
HALT cancellation by RESET input
(b)
HALT cancellation by IRQ
××× (if DI)
Execution of the
HALT instruction
IRQ
×××
Operation
mode
HALT mode
Operation mode
(c)
HALT cancellation by IRQ
××× (if EI)
Execution of the
HALT instruction
Interrupt operation
acceptance
IRQ
×××
Operation
mode
HALT mode
Operation mode
Execution of the
HALT instruction
TM count up
RESET
Operation
mode
HALT mode
System reset srtate
WAIT a
Operation mode
(Start of address 0)
WAIT a: This refers to the wait time until TM counts the divide-by-256 clock up to 256.
256
× 256/fX (when approximately 32 ms and fX=2MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com