Electronic Components Datasheet Search
  English  ▼

X  

D17133CS Datasheet(PDF) 187 Page - NEC

Part # D17133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

D17133CS Datasheet(HTML) 187 Page - NEC

Back Button D17133CS Datasheet HTML 183Page - NEC D17133CS Datasheet HTML 184Page - NEC D17133CS Datasheet HTML 185Page - NEC D17133CS Datasheet HTML 186Page - NEC D17133CS Datasheet HTML 187Page - NEC D17133CS Datasheet HTML 188Page - NEC D17133CS Datasheet HTML 189Page - NEC D17133CS Datasheet HTML 190Page - NEC D17133CS Datasheet HTML 191Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 289 page
background image
CHAPTER 16
RESET
172
Figure 16-1. Reset Block Configuration
Note The
µPD17P132 and 17P133 have no pull-up resistor by mask option, and are always open.
16.2 RESETTING
Operation when reset is caused by the RESET input is shown in the figure below.
If the RESET pin is set from low to high, system clock generation starts and an oscillation stabilization wait occurs
with the timer. Program execution starts from address 0000H.
If power-on reset function is used, the reset signals shown in Figure 16-2 are internally generated. Operation
is the same as that when reset is caused externally by the RESET input.
At address stack overflow and underflow reset, oscillation stabilization wait time (WAIT a) does not occur.
Operation starts from address 0000H after initial statuses are internally set.
Figure 16-2. Resetting
RESET
TMEN
TMRES
Operationg mode
RESET
WAIT aNote
Operating mode
Note This is oscillation stabilization wait time. Operating mode is set when timer counts system clocks 256
×
256 time (approx. 8ms, at fX=8 MHz/approx. 32 ms, at fCC=2 MHz)
Internal bus
RF : 10H
0
0
0
PDRESEN
VDD
Clear signal
Mask optionNote
Low-voltage detection circuit
Power-on reset circuit
Internal reset signal
Oscillation
disabled
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com