Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 18Page - Advanced Micro Devices AM186EM Datasheet HTML 19Page - Advanced Micro Devices AM186EM Datasheet HTML 20Page - Advanced Micro Devices AM186EM Datasheet HTML 21Page - Advanced Micro Devices AM186EM Datasheet HTML 22Page - Advanced Micro Devices AM186EM Datasheet HTML 23Page - Advanced Micro Devices AM186EM Datasheet HTML 24Page - Advanced Micro Devices AM186EM Datasheet HTML 25Page - Advanced Micro Devices AM186EM Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 98 page
background image
22
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
PQFP PIN ASSIGNMENTS—Am188EM Microcontroller
(Sorted by Pin Name)
Pin Name
No.
Pin Name
No.
Pin Name
No.
Pin Name
No.
A0
40
AD5
88
GND
89
S1
10
A1
39
AD6
91
HLDA
44
S2
9
A2
37
AD7
94
HOLD
45
S6/CLKDIV2/PIO29
96
A3
36
ALE
7
INT0
56
SCLK/PIO20
3
A4
35
AO8
79
INT1/SELECT
55
SDATA/PIO21
100
A5
34
AO9
81
INT2/INTA0/PIO31
54
SDEN0/PIO22
2
A6
33
AO10
83
INT3/INTA1/IRQ
53
SDEN1/PIO23
1
A7
32
AO11
85
INT4/PIO30
52
SRDY/PIO6
46
A8
31
AO12
87
LCS/ONCE0
58
TMRIN0/PIO11
75
A9
30
AO13
90
MCS0/PIO14
50
TMRIN1/PIO0
72
A10
29
AO14
93
MCS1/PIO15
51
TMROUT0/PIO10
74
A11
28
AO15
95
MCS2/PIO24
68
TMROUT1/PIO1
73
A12
27
ARDY
8
MCS3/RFSH/PIO25
69
TXD/PIO27
98
A13
26
CLKOUTA
16
NMI
47
UCS/ONCE1
57
A14
25
CLKOUTB
17
PCS0/PIO16
66
UZI/PIO26
97
A15
24
DEN/PIO5
49
PCS1/PIO17
65
VCC
15
A16
23
DRQ0/PIO12
77
PCS2/PIO18
63
VCC
21
A17/PIO7
22
DRQ1/PIO13
76
PCS3/PIO19
62
VCC
38
A18/PIO8
20
DT/R/PIO4
48
PCS5/A1/PIO3
60
VCC
61
A19/PIO9
19
GND
12
PCS6/A2/PIO2
59
VCC
67
AD0
78
GND
18
RD
6
VCC
92
AD1
80
GND
41
RES
71
WB
43
AD2
82
GND
42
RFSH2/ADEN
4
WR
5
AD3
84
GND
64
RXD/PIO28
99
X1
13
AD4
86
GND
70
S0
11
X2
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com