Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 36Page - Advanced Micro Devices AM186EM Datasheet HTML 37Page - Advanced Micro Devices AM186EM Datasheet HTML 38Page - Advanced Micro Devices AM186EM Datasheet HTML 39Page - Advanced Micro Devices AM186EM Datasheet HTML 40Page - Advanced Micro Devices AM186EM Datasheet HTML 41Page - Advanced Micro Devices AM186EM Datasheet HTML 42Page - Advanced Micro Devices AM186EM Datasheet HTML 43Page - Advanced Micro Devices AM186EM Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 98 page
background image
40
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Figure 7.
Peripheral Control Block Register Map (continued)
Offset
(Hexadecimal)
INT2 Control Register
INT1 Control Register
INT0 Control Register
DMA 1 Interrupt Control Register
DMA 0 Interrupt Control Register
Timer Interrupt Control Register
Interrupt Status Register
Interrupt Request Register
In-service Register
Priority Mask Register
Interrupt Mask Register
Poll Status Register
Poll Register
End-of-Interrupt Register
Interrupt Vector Register
10
12
Synchronous Serial Transmit 1 Register
14
16
18
3E
40
42
PIO Mode 0 Register
70
72
74
Register Name
ww
ww
ww
Changed from 80C186
microcontroller.
44
76
78
7A
Note: Gaps in offset addresses indicate
reserved registers.
5C
5E
60
62
66
50
52
54
56
58
5A
Timer 2 Mode/Control Register
Timer 2 Maxcount Compare A Register
Timer 2 Count Register
Timer 1 Mode/Control Register
Timer 1 Maxcount Compare B Register
Timer 1 Maxcount Compare A Register
Timer 1 Count Register
Timer 0 Mode/Control Register
Timer 0 Maxcount Compare B Register
Timer 0 Maxcount Compare A Register
Timer 0 Count Register
INT3 Control Register
3C
3A
38
36
34
32
30
2E
2C
2A
28
26
24
22
20
PIO Data 1 Register
PIO Direction 1 Register
PIO Mode 1 Register
PIO Data 0 Register
PIO Direction 0 Register
Serial Port Interrupt Control Register
Watchdog Timer Control Register
INT4 Control Register
Synchronous Serial Receive Register
Synchronous Serial Transmit 0 Register
Synchronous Serial Enable Register
Synchronous Serial Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com