Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 54 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 54 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 50Page - Advanced Micro Devices AM186EM Datasheet HTML 51Page - Advanced Micro Devices AM186EM Datasheet HTML 52Page - Advanced Micro Devices AM186EM Datasheet HTML 53Page - Advanced Micro Devices AM186EM Datasheet HTML 54Page - Advanced Micro Devices AM186EM Datasheet HTML 55Page - Advanced Micro Devices AM186EM Datasheet HTML 56Page - Advanced Micro Devices AM186EM Datasheet HTML 57Page - Advanced Micro Devices AM186EM Datasheet HTML 58Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
54
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
THERMAL CHARACTERISTICS
TQFP Package
The Am186EM and Am188EM microcontrollers are
specified for operation with case temperature ranges
from 0
°C to +100°C for a commercial temperature de-
vice. Case temperature is measured at the top center
of the package as shown in Figure 15. The various tem-
peratures and thermal resistances can be determined
using the equations in Figure 16 with information given
in Table 8.
θ
JA is the sum of θJC and θCA. θJC is the internal ther-
mal resistance of the assembly.
θ
CA is the case to am-
bient thermal resistance.
The variable P is power in watts. Typical power
supply current (ICC) for the Am186EM and Am188EM
microcontrollers is 5.9 mA per MHz of clock frequency.
Figure 15.
Thermal Resistance(
°C/Watt)
Figure 16.
Thermal Characteristics Equations
Table 8.
Thermal Characteristics (
°C/Watt)
θ
JA
θ
CA
θ
JC
θ
JA = θJC + θCA
TC
Package/Board
Airflow
(Linear Feet
per Minute)
θ
JC
θ
CA
θ
JA
PQFP/2-Layer
0 fpm
7
38
45
200 fpm
7
32
39
400 fpm
7
28
35
600 fpm
7
26
33
TQFP/2-Layer
0 fpm
10
46
56
200 fpm
10
36
46
400 fpm
10
30
40
600 fpm
10
28
38
PQFP/4-Layer
to 6-Layer
0 fpm
5
18
23
200 fpm
5
16
21
400 fpm
5
14
19
600 fpm
5
12
17
TQFP/4-Layer
to 6-Layer
0 fpm
6
24
30
200 fpm
6
22
28
400 fpm
6
20
26
600 fpm
6
18
24
θ
JA = θJC + θCA
P=5.9 mA
⋅ freq (MHz) ⋅V
CC
TJ=TC+( P⋅θJC )
TJ=TA+ (P
⋅θ
JA )
TC=TJ–( P
⋅θ
JC )
TC=TA+( P⋅θCA )
TA=TJ–( P⋅θJA )
TA=TC–( P⋅θCA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com