Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM186EM Datasheet HTML 1Page - Advanced Micro Devices AM186EM Datasheet HTML 2Page - Advanced Micro Devices AM186EM Datasheet HTML 3Page - Advanced Micro Devices AM186EM Datasheet HTML 4Page - Advanced Micro Devices AM186EM Datasheet HTML 5Page - Advanced Micro Devices AM186EM Datasheet HTML 6Page - Advanced Micro Devices AM186EM Datasheet HTML 7Page - Advanced Micro Devices AM186EM Datasheet HTML 8Page - Advanced Micro Devices AM186EM Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 98 page
background image
4
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order numbers (valid combinations) are
formed by a combination of the elements below.
–40
Am186EM
–20 = 20 MHz
–25 = 25 MHz
–33 = 33 MHz
–40 = 40 MHz
C
TEMPERATURE RANGE
C=EMLV Commercial (TA=0°C to +70°C)
SPEED OPTION
DEVICE NUMBER/DESCRIPTION
Am186EM High-Performance, 80C186-Compatible,
16-Bit Embedded Microcontroller
Am188EM High-Performance, 80C188-Compatible,
16-Bit Embedded Microcontroller
Am186EMLV High-Performance, 80L186-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
Am188EMLV High-Performance, 80L188-Compatible,
Low-Voltage, 16-Bit Embedded Microcontroller
\W
LEAD FORMING
\W=Trimmed and Formed
Valid combinations list configurations planned to be
supported in volume for this device. Consult the local
AMD sales office to confirm availability of specific valid
combinations and to check on newly released combi-
nations.
Notes:
1. The Am186EM and Am188EM industrial
microcontrollers, as well as the Am186EMLV and
Am188EMLV commercial microcontrollers, are
available in 20- and 25-MHz operating
frequencies only.
2. The Am186EM and Am188EM industrial
microcontrollers are not offered in a low-voltage
operating range.
3. The Am186EM, Am188EM, Am186EMLV, and
Am188EMLV microcontrollers are all functionally
the same except for their DC characteristics and
available frequencies.
Valid Combinations
Am186EMLV–25
Valid Combinations
PACKAGE TYPE
V =100-pin, thin quad flat pack (TQFP)
K =100-pin, plastic quad flat pack (PQFP)
V
Am188EMLV–25
Am188EMLV–20
Am186EMLV–20
VC\W or
KC\W
Am186EM–25
Am186EM–33
Am186EM–40
Am188EM–25
Am188EM–33
Am188EM–40
VC\W or
KC\W
Am188EM–20
Am186EM–20
KI\W
Am186EM–25
Am188EM–25
KI\W
Am188EM–20
Am186EM–20
I=EM Industrial (TA=–40°C to +85°C) (5-V only)
Where:
TC = case temperature
C=EM Commercial (TC=0°C to +100°C)
TA = ambient temperature
VC\W or
KC\W
VC\W or
KC\W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com