Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM186EM Datasheet HTML 1Page - Advanced Micro Devices AM186EM Datasheet HTML 2Page - Advanced Micro Devices AM186EM Datasheet HTML 3Page - Advanced Micro Devices AM186EM Datasheet HTML 4Page - Advanced Micro Devices AM186EM Datasheet HTML 5Page - Advanced Micro Devices AM186EM Datasheet HTML 6Page - Advanced Micro Devices AM186EM Datasheet HTML 7Page - Advanced Micro Devices AM186EM Datasheet HTML 8Page - Advanced Micro Devices AM186EM Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 98 page
background image
PRELIMINARY
This document contains information on a product under development at Advanced Micro Devices. The information
is intended to help you evaluate this product. AMD reserves the right to change or discontinue work on this proposed
product without notice.
Publication# 19168
Rev: E Amendment/0
Issue Date: February 1997
Am186TMEM/EMLV and Am188TMEM/EMLV
High Performance, 80C186-/80C188-Compatible and
80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
DISTINCTIVE CHARACTERISTICS
n E86TM family 80C186- and 80C188-compatible
microcontrollers with enhanced bus interface
— Lower system cost with higher performance
— 3 .3- V ±.3 -V ope ra tio n (A m1 86E MLV and
Am188EMLV microcontrollers)
n High performance
— 20-, 25-, 33-, and 40-MHz operating frequencies
— Supports zero-wait-state operation at 25 MHz
with 110-ns static memory (Am186TMEMLV and
Am188TMEMLV microcontrollers) and 40 MHz
with 70-ns static memory (Am186TMEM and
Am188TMEM microcontrollers)
— 1-Mbyte memory address space
— 64-Kbyte I/O space
n New features provide faster access to memory and
remove the requirement for a 2x clock input
— Nonmultiplexed address bus
— Phase-locked loop (PLL) allows processor to
operate at the clock input frequency
n New integrated peripherals provide increased
functionality while reducing system cost
— Thirty-two programmable I/O (PIO) pins
— Asynchronous serial port allows full-duplex, 7-bit
or 8-bit data transfers
— Synchronous serial interface allows half-duplex,
bidirectional data transfer to and from ASICs
— Pseudo static RAM (PSRAM) controller includes
auto refresh capability
— Reset configuration register
n Familiar 80C186/80L186 peripherals
— Two independent DMA channels
— Programmable interrupt controller with six
external interrupts
— Three programmable 16-bit timers—timer 1 can
be used as a watchdog interrupt timer
— Programmable memory and peripheral
chip-select logic
— Programmable wait state generator
— Power-save clock divider
n Software-compatible with the 80C186/80C188
and 80L186 /80L188 microcontrollers
n Widely available native development tools,
applications, and system software
n Available in the following packages:
— 100-pin, thin quad flat pack (TQFP)
— 100-pin, plastic quad flat pack (PQFP)
GENERAL DESCRIPTION
The Am186TMEM/EMLV and Am188TMEM/EMLV micro-
controllers are the ideal upgrade for 80C186/188 and
80L186/188 microcontroller designs requiring 80C186/
188 and 80L186/188 microcontroller compatibility, in-
creased performance, serial communications, and a di-
r e c t b u s i n ter f ac e . Th e A m 18 6E M/ EM L V a n d
Am188EM/EMLV microcontrollers increase the perfor-
mance of existing 80C186/188 and 80L186/188 sys-
tems while decreasing their cost.
The Am186EM/EMLV and Am188EM/EMLV microcon-
trollers are part of the AMD E86 family of embedded mi-
crocontrollers and microprocessors based on the x86
architecture. The E86 family includes the 16- and 32-bit mi-
crocontrollers and microprocessors described on page 8
The Am186EM/EMLV and Am188EM/EMLV microcon-
trollers integrate the functions of the CPU, nonmulti-
plexed address bus, timers, chip selects, interrupt
controller, DMA controller, PSRAM controller, asynchro-
nous serial port, synchronous serial interface, and pro-
grammable I/O (PIO) pins on one chip. Compared to the
80C186/188 and 80L186/188 microcontrollers, the
Am186EM/EMLV and Am188EM/EMLV microcontrol-
lers enable designers to reduce the size, power con-
sumption, and cost of embedded systems, while
increasing functionality and performance.
The Am186EM/EMLV and Am188EM/EMLV microcon-
trollers have been designed to meet the most common
requirements of embedded products developed for the
office automation, mass storage, communications, and
general embedded markets. Specific applications in-
clude disk drives, hand-held terminals and desktop ter-
minals, fax machines, printers, photocopiers, feature
phones, cellular phones, PBXs, multiplexers, modems,
and industrial controls.


Similar Part No. - AM186EM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM186EM ETC-AM186EM Datasheet
15Kb / 1P
MICROCONTROLLER BLOCK DIAGRAM
logo
InnovASIC, Inc
AM186EM-20VCW INNOVASIC-AM186EM-20VCW Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
AM186EM-20VIW INNOVASIC-AM186EM-20VIW Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
AM186EM-25VCW INNOVASIC-AM186EM-25VCW Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
AM186EM-25VIW INNOVASIC-AM186EM-25VIW Datasheet
1Mb / 146P
8-Bit/16-Bit Microcontrollers
More results

Similar Description - AM186EM

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186 AMD-AM186 Datasheet
2Mb / 112P
High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
AM188ES-40KCW AMD-AM188ES-40KCW Datasheet
1Mb / 102P
High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
logo
Microchip Technology
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
High-Performance, 16-Bit Microcontrollers
2007
DSPIC33FJ32GP202 MICROCHIP-DSPIC33FJ32GP202 Datasheet
3Mb / 252P
High-Performance, 16-Bit Microcontrollers
2007
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
High-Performance, 16-Bit Microcontrollers
2009
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
High-Performance, 16-Bit Microcontrollers
06/25/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com