Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 26Page - Advanced Micro Devices AM186EM Datasheet HTML 27Page - Advanced Micro Devices AM186EM Datasheet HTML 28Page - Advanced Micro Devices AM186EM Datasheet HTML 29Page - Advanced Micro Devices AM186EM Datasheet HTML 30Page - Advanced Micro Devices AM186EM Datasheet HTML 31Page - Advanced Micro Devices AM186EM Datasheet HTML 32Page - Advanced Micro Devices AM186EM Datasheet HTML 33Page - Advanced Micro Devices AM186EM Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
30
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Table 2.
Numeric PIO Pin Assignments
Notes:
1. These pins are used by emulators. (Emulators also use
S2–S0
, RES, NMI, CLKOUTA, BHE, ALE, AD15–AD0,
and A16–A0.)
2. These pins revert to normal operation if BHE/ADEN (186) or
RFSH2/ADEN
(188) is held Low during power-on reset.
3. When used as a PIO, input with pullup option available.
4. When used as a PIO, input with pulldown option available.
Table 3.
Alphabetic PIO Pin Assignments
Notes:
1. These pins are used by emulators. (Emulators also use
S2–S0
, RES, NMI, CLKOUTA, BHE, ALE, AD15–AD0,
and A16–A0.)
2. These pins revert to normal operation if BHE/ADEN (186) or
RFSH2/ADEN
(188) is held Low during power-on reset.
3. When used as a PIO, input with pullup option available.
4. When used as a PIO, input with pulldown option available.
PIO No
Associated Pin
Power-On Reset Status
0
TMRIN1
Input with pullup
1
TMROUT1
Input with pulldown
2
PCS6/A2
Input with pullup
3
PCS5/A1
Input with pullup
4
DT/R
Normal operation(3)
5
DEN
Normal operation(3)
6
SRDY
Normal operation(4)
7(1)
A17
Normal operation(3)
8(1)
A18
Normal operation(3)
9(1)
A19
Normal operation(3)
10
TMROUT0
Input with pulldown
11
TMRIN0
Input with pullup
12
DRQ0
Input with pullup
13
DRQ1
Input with pullup
14
MCS0
Input with pullup
15
MCS1
Input with pullup
16
PCS0
Input with pullup
17
PCS1
Input with pullup
18
PCS2
Input with pullup
19
PCS3
Input with pullup
20
SCLK
Input with pullup
21
SDATA
Input with pullup
22
SDEN0
Input with pulldown
23
SDEN1
Input with pulldown
24
MCS2
Input with pullup
25
MCS3/RFSH
Input with pullup
26(1,2)
UZI
Input with pullup
27
TXD
Input with pullup
28
RXD
Input with pullup
29(1,2)
S6/CLKDIV2
Input with pullup
30
INT4
Input with pullup
31
INT2
Input with pullup
Associated Pin
PIO No
Power-On Reset Status
A17(1)
7
Normal operation(3)
A18(1)
8
Normal operation(3)
A19(1)
9
Normal operation(3)
DEN
5
Normal operation(3)
DRQ0
12
Input with pullup
DRQ1
13
Input with pullup
DT/R
4
Normal operation(3)
INT2
31
Input with pullup
INT4
30
Input with pullup
MCS0
14
Input with pullup
MCS1
15
Input with pullup
MCS2
24
Input with pullup
MCS3/RFSH
25
Input with pullup
PCS0
16
Input with pullup
PCS1
17
Input with pullup
PCS2
18
Input with pullup
PCS3
19
Input with pullup
PCS5/A1
3
Input with pullup
PCS6/A2
2
Input with pullup
RXD
28
Input with pullup
S6/CLKDIV2(1,2)
29
Input with pullup
SCLK
20
Input with pullup
SDATA
21
Input with pullup
SDEN0
22
Input with pulldown
SDEN1
23
Input with pulldown
SRDY
6
Normal operation(4)
TMRIN0
11
Input with pullup
TMRIN1
0
Input with pullup
TMROUT0
10
Input with pulldown
TMROUT1
1
Input with pulldown
TXD
27
Input with pullup
UZI(1,2)
26
Input with pullup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com