Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 52 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 52 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 48Page - Advanced Micro Devices AM186EM Datasheet HTML 49Page - Advanced Micro Devices AM186EM Datasheet HTML 50Page - Advanced Micro Devices AM186EM Datasheet HTML 51Page - Advanced Micro Devices AM186EM Datasheet HTML 52Page - Advanced Micro Devices AM186EM Datasheet HTML 53Page - Advanced Micro Devices AM186EM Datasheet HTML 54Page - Advanced Micro Devices AM186EM Datasheet HTML 55Page - Advanced Micro Devices AM186EM Datasheet HTML 56Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 98 page
background image
52
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
DC CHARACTERISTICS OVER COMMERCIAL OPERATING RANGE (continued)
a
Measured with a device running. Not tested and not guaranteed.
b
Power supply current for the Am186EMLV and Am188EMLV microcontrollers, which are available in 20 and 25 MHz
operating frequencies only.
c
Power is measured while device is operating. Not tested and not guaranteed.
Capacitance
Note:
Capacitance limits are guaranteed by characterization.
Preliminary
Symbol
Parameter Description
Test Conditions
Typical
Unit
Nominal
ICC
Typical Power Supply Current @ 25
°C
VCC = 5.5 V
(a)
4.5
mA/
MHz
Nominal
ICC
Am186EMLV and Am188EMLV Typical Power Supply Current @ 25
°C V
CC = 3.6 V
(a) (b)
3.0
mA/
MHz
Peak ICC Measured Peak ICC
VCC = 5.5 V
(c)
5.9
mA/
MHz
Peak ICC Am186EMLV and Am188EMLV Measured Peak ICC
VCC = 3.6 V
(b) (c)
4.0
mA/
MHz
Preliminary
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
CIN
Input Capacitance
@ 1 MHz
10
pF
CIO
Output or I/O Capacitance
@ 1 MHz
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com