Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 41 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 41 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 37Page - Advanced Micro Devices AM186EM Datasheet HTML 38Page - Advanced Micro Devices AM186EM Datasheet HTML 39Page - Advanced Micro Devices AM186EM Datasheet HTML 40Page - Advanced Micro Devices AM186EM Datasheet HTML 41Page - Advanced Micro Devices AM186EM Datasheet HTML 42Page - Advanced Micro Devices AM186EM Datasheet HTML 43Page - Advanced Micro Devices AM186EM Datasheet HTML 44Page - Advanced Micro Devices AM186EM Datasheet HTML 45Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
41
P R E L IMINAR Y
CLOCK AND POWER MANAGEMENT
The clock an d po wer m an age me nt u nit of the
Am186EM and Am188EM microcontrollers includes a
phase-locked loop (PLL) and a second programmable
system clock output (CLKOUTB).
Phase-Locked Loop (PLL)
In a traditional 80C186/188 design, the crystal frequency is
twice that of the desired internal clock. Because of the
internal PLL on the Am186EM and Am188EM
microcontrollers, the internal clock generated by the
Am186EM and Am188EM microcontrollers (CLKOUTA) is
the same frequency as the crystal. The PLL takes the
crystal inputs (X1 and X2) and generates a 45/55% (worst
case) duty cycle intermediate system clock of the same
frequency. This removes the need for an external 2x
oscillator, reducing system cost. The PLL is reset by an
on-chip power-on reset (POR) circuit.
Crystal-Driven Clock Source
The internal oscillator circuit of the Am186EM and
Am188EM microcontrollers is designed to function with
a parallel-resonant fundamental or third-overtone crys-
tal. Because of the PLL, the crystal frequency should
be equal to the processor frequency. Do not replace a
crystal with an LC or RC equivalent.
The signals X1 and X2 are connected to an internal in-
verting amplifier (oscillator) which provides, along with
the external feedback loading, the necessary phase
shift (Figure 8). In such a positive feedback circuit, the
inverting amplifier has an output signal (X2) 180 de-
grees out of phase of the input signal (X1).
The external feedback network provides an additional
180-degree phase shift. In an ideal system, the input to
X1 will have 360 or zero degrees of phase shift. The ex-
ternal feedback network is designed to be as close to
ideal as possible. If the feedback network is not provid-
ing necessary phase shift, negative feedback will
dampen the output of the amplifier and negatively af-
fect the operation of the clock generator. Values for the
loading on X1 and X2 must be chosen to provide the
necessary phase shift and crystal operation.
Selecting a Crystal
When selecting a crystal, the load capacitance should
always be specified (CL). This value can cause variance
in the oscillation frequency from the desired specified
value (resonance). The load capacitance and the loading
of the feedback network have the following relationship:
where CS is the stray capacitance of the circuit. Placing
the crystal and CL in series across the inverting amplifier
and tuning these values (C1, C2) allows the crystal to os-
cillate at resonance. This relationship is true for both fun-
damental and third-overtone operation. Finally, there is a
relationship between C1 and C2. To enhance the oscilla-
tion of the inverting amplifier, these values need to be off-
set with the larger load on the output (X2). Equal values of
these loads will tend to balance the poles of the inverting
amplifier.
The characteristics of the inverting amplifier set limits
on the following parameters for crystals:
ESR (Equivalent Series Resistance)........... 80 ohm max
Drive Level.....................................................................................1 mW max
The recommended range of values for C1 and C2 are as
follows:
C1..............................................................................................................15 pF ± 20%
C2..............................................................................................................22 pF ± 20%
The specific values for C1 and C2 must be determined by
the designer and are dependent on the characteristics of
the chosen crystal and board design.
Figure 8.
Am186EM and Am188EM Microcontrollers Oscillator Configurations
(C1 ⋅ C2)
CL =
(C1 + C2)
+ CS
Crystal
Am186EM
200 pF
Note 1
Note 1: Use for Third Overtone Mode
XTAL Frequency L1 Value (Max)
20 MHz
12
µH ±20%
25 MHz
8.2
µH ±20%
33 MHz
4.7
µH ±20%
40 MHz
3.0
µH ±20%
X1
X2
b. Crystal Configuration
a. Inverting Amplifier Configuration
C1
C2
Crystal
C1
C2
Microcontroller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com