Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 31Page - Advanced Micro Devices AM186EM Datasheet HTML 32Page - Advanced Micro Devices AM186EM Datasheet HTML 33Page - Advanced Micro Devices AM186EM Datasheet HTML 34Page - Advanced Micro Devices AM186EM Datasheet HTML 35Page - Advanced Micro Devices AM186EM Datasheet HTML 36Page - Advanced Micro Devices AM186EM Datasheet HTML 37Page - Advanced Micro Devices AM186EM Datasheet HTML 38Page - Advanced Micro Devices AM186EM Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
35
P R E L IMINAR Y
BUS OPERATION
The industry-standard 80C186 and 80C188 microcon-
trollers use a multiplexed address and data (AD) bus.
The address is present on the AD bus only during the
t1 clock phase. The Am186EM and Am188EM microcon-
trollers continue to provide the multiplexed AD bus and, in
addition, provide a nonmultiplexed address (A) bus. The A
bus provides an address to the system for the complete
bus cycle (t1–t4).
For systems where power consumption is a concern, it
is possible to disable the address from being driven on
the AD bus on the Am186EM microcontroller and on
the AD and AO buses on the Am188EM microcontroller
during the normal address portion of the bus cycle for
accesses to UCS and/or LCS address spaces. In this
mode, the affected bus is placed in a high impedance
state during the address portion of the bus cycle. This
feature is enabled through the DA bits in the UMCS and
LMCS registers. When address disable is in effect, the
number of signals that assert on the bus during all nor-
mal bus cycles to the associated address space is re-
duced, decreasing power consumption and reducing
processor switching noise. On the Am188EM micro-
controller, the address is driven on A015–A08 during
the data portion of the bus cycle, regardless of the set-
ting of the DA bits.
If the ADEN pin is pulled Low during processor reset, the
value of the DA bits in the UMCS and LMCS registers is
ignored and the address is driven on the AD bus for all ac-
cesses, thus preserving the industry-standard 80C186
and 80C188 microcontrollers’ multiplexed address bus
and providing support for existing emulation tools.
The following diagrams show the Am186EM and
Am188EM microcontroller bus cycles when the ad-
dress bus disable feature is in effect.
Figure 3 shows the affected signals during a normal
read or write operation for an Am186EM microcontrol-
ler. The address and data will be multiplexed onto the
AD bus.
Figure 4 shows an Am186EM microcontroller bus cycle
when address bus disable is in effect. This results in
having the AD bus operate in a nonmultiplexed ad-
dress/data mode. The A bus will have the address dur-
ing a read or write operation.
Figure 5 shows the affected signals during a normal
read or write operation for an Am188EM microcontrol-
ler. The multiplexed address/data mode is compatible
with the 80C186 and 80C188 microcontrollers and
might be used to take advantage of existing logic or pe-
ripherals.
Figure 6 shows an Am188EM microcontroller bus cycle
when address bus disable is in effect. The address and
data is not multiplexed. The AD7–AD0 signals will have
only data on the bus, while the AO bus will have the ad-
dress during a read or write operation.
Figure 3.
Am186EM Microcontroller Address Bus—Normal Read and Write Operation
CLKOUTA
t1
t2
t3
t4
AD15–AD0
(Read)
Data
AD15–AD0
(Write)
LCS or UCS
Address
Data
Address
Address
Phase
Data
Phase
A19–A0
Address
MCSx, PCSx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com