Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 46 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 46 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 42Page - Advanced Micro Devices AM186EM Datasheet HTML 43Page - Advanced Micro Devices AM186EM Datasheet HTML 44Page - Advanced Micro Devices AM186EM Datasheet HTML 45Page - Advanced Micro Devices AM186EM Datasheet HTML 46Page - Advanced Micro Devices AM186EM Datasheet HTML 47Page - Advanced Micro Devices AM186EM Datasheet HTML 48Page - Advanced Micro Devices AM186EM Datasheet HTML 49Page - Advanced Micro Devices AM186EM Datasheet HTML 50Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
46
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
TIMER CONTROL UNIT
There are three 16-bit programmable timers in the
Am186EM and Am188EM microcontrollers. Timer 0
and timer 1 are connected to four external pins (each
one has an input and an output). These two timers can
be used to count or time external events, or to generate
nonrepetitive or variable-duty-cycle waveforms. In ad-
dition, timer 1 can be configured as a watchdog timer
interrupt.
The watchdog timer interrupt provides a mechanism for
detecting software crashes or hangs. The TMROUT1
output is internally connected to the watchdog timer in-
terrupt. The TIMER1 count register must then be re-
loaded at intervals less than the TIMER1 max count to
assure the watchdog interrupt is not taken. If the code
crashes or hangs, the TIMER1 countdown will cause a
watchdog interrupt.
Timer 2 is not connected to any external pins. It can be
used for real-time coding and time-delay applications.
It can also be used as a prescale to timers 0 and 1 or
as a DMA request source.
The timers are controlled by eleven 16-bit registers in
the peripheral control block. A timer’s timer-count reg-
ister contains the current value of that timer. The timer-
count register can be read or written with a value at any
time, regardless of whether the timer is running. The
microcontroller increments the value of the timer-count
register each time a timer event occurs.
Each timer also has a maximum-count register that de-
fines the maximum value the timer will reach. When the
timer reaches the maximum value, it resets to 0 during
the same clock cycle—the value in the maximum-count
register is never stored in the timer-count register.
Also, timers 0 and 1 have a secondary maximum-count
register. Using both the primary and secondary maxi-
mum-count registers lets the timer alternate between
two maximum values.
If the timer is programmed to use only the primary max-
imum-count register, the timer output pin switches Low
for one clock cycle after the maximum value is
reached. If the timer is programmed to use both of its
maximum-count registers, the output pin indicates
which maximum-count register is currently in control,
thereby creating a waveform. The duty cycle of the
waveform depends on the values in the maximum-
count registers.
Each timer is serviced every fourth clock cycle, so a
timer can operate at a speed of up to one-quarter the
internal clock frequency. A timer can be clocked exter-
nally at this same frequency; however, because of in-
ternal synchronization and pipelining of the timer
circuitry, the timer output may take up to six clock cy-
cles to respond to the clock or gate input.
DIRECT MEMORY ACCESS (DMA)
Direct memory access (DMA) permits transfer of data
between memory and peripherals without CPU involve-
ment. The DMA unit in the Am186EM and Am188EM
microcontrollers, shown in Figure 10, provides two
high-speed DMA channels. Data transfers can occur be-
tween memory and I/O spaces (e.g., memory to I/O) or
within the same space (e.g., memory-to-memory or I/O-to-
I/O). In addition, either bytes or words can be transferred
to or from even or odd addresses on the Am186EM micro-
controller. The Am188EM microcontroller does not sup-
port word transfers. Only two bus cycles (a minimum of
eight clocks) are necessary for each data transfer.
Each channel accepts a DMA request from one of
three sources—the channel request pin (DRQ1–
DRQ0), timer 2, or the system software. The channels
can be programmed with different priorities in the event
of a simultaneous DMA request or if there is a need to
interrupt transfers on the other channel.
DMA Operation
Each channel has six registers in the peripheral control
block that define specific channel operations. The DMA
registers consist of a 20-bit source address (2 regis-
ters), a 20-bit destination address (2 registers), a 16-bit
transfer count register, and a 16-bit control register.
The DMA transfer count register (DTC) specifies the
number of DMA transfers to be performed. Up to 64K
byte or word transfers can be performed with automatic
termination. The DMA control registers define the
channel operation. All registers can be modified dur-
ing any DMA activity. Any changes made to the DMA
registers are reflected immediately in DMA operation.
Table 6.
Am186EM Microcontroller Maximum
DMA Transfer Rates
Type of Synchronization
Selected
Maximum DMA
Transfer Rate (Mbyte/s)
40
MHz
33
MHz
25
MHz
20
MHz
Unsynchronized
10
8.25
6.25
5
Source Synch
10
8.25
6.25
5
Destination Synch
(CPU needs bus)
6.6
5.5
4.16
3.3
Destination Synch
(CPU does not need bus)
8
6.6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com