Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 44 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 44 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 40Page - Advanced Micro Devices AM186EM Datasheet HTML 41Page - Advanced Micro Devices AM186EM Datasheet HTML 42Page - Advanced Micro Devices AM186EM Datasheet HTML 43Page - Advanced Micro Devices AM186EM Datasheet HTML 44Page - Advanced Micro Devices AM186EM Datasheet HTML 45Page - Advanced Micro Devices AM186EM Datasheet HTML 46Page - Advanced Micro Devices AM186EM Datasheet HTML 47Page - Advanced Micro Devices AM186EM Datasheet HTML 48Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
44
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
Configuring PCS in I/O space with LCS or any other
chip select configured for memory address 0 is not con-
sidered overlapping of the chip selects. Overlapping
chip selects refers to configurations where more than
one chip select asserts for the same physical address.
Upper Memory Chip Select
The Am186EM and Am188EM microcontrollers pro-
vide a UCS chip select for the top of memory. On reset,
the Am186EM and Am188EM microcontrollers begin
fetching and executing instructions starting at memory lo-
cation FFFF0h. Therefore, upper memory is usually used
as instruction memory. To facilitate this usage, UCS de-
faults to active on reset, with a default memory range of 64
Kbytes from F0000h to FFFFFh, with external ready re-
quired and three wait states automatically inserted. The
UCS memory range always ends at FFFFFh. The lower
boundary is programmable.
Low Memory Chip Select
The Am186EM and Am188EM microcontrollers pro-
vide an LCS chip select for the bottom of memory. Since
the interrupt vector table is located at the bottom of mem-
ory starting at 00000h, the LCS pin is usually used to con-
trol data memory. The LCS pin is not active on reset.
Midrange Memory Chip Selects
The Am186EM and Am188EM microcontrollers pro-
vide four chip selects, MCS3–MCS0, for use in a user-
locatable memory block. The base address of the memory
block can be located anywhere within the 1-Mbyte mem-
ory address space, exclusive of the areas associated with
the UCS and LCS chip selects, as well as the address
range of the Peripheral Chip Selects, PCS6, PCS5, and
PCS3–PCS0, if they are mapped to memory. The MCS
address range can overlap the PCS address range if the
PCS chip selects are mapped to I/O space.
Unlike the UCS and LCS chip selects, the MCS outputs
assert with the multiplexed AD address bus.
Peripheral Chip Selects
The Am186EM and Am188EM microcontrollers pro-
vide six chip selects, PCS6–PCS5 and PCS3–PCS0,
for use within a user-locatable memory or I/O block.
PCS4 is not available on the Am186EM and Am188EM
microcontrollers. The base address of the memory
block can be located anywhere within the 1-Mbyte
memory address space, exclusive of the areas associ-
ated with the UCS, LCS, and MCS chip selects, or they
can be configured to access the 64 Kbyte I/O space.
The PCS pins are not active on reset. PCS6–PCS5 can
have from zero to three wait states. PCS3–PCS0 can have
four additional wait-state values—5, 7, 9, and 15.
Unlike the UCS and LCS chip selects, the PCS outputs
assert with the multiplexed AD address bus. Note also that
each peripheral chip select asserts over a 256-byte address
range, which is twice the address range covered by periph-
eral chip selects in the 80C186 and 80C188 microcontrol-
lers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com