Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 88 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 88 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 84Page - Advanced Micro Devices AM186EM Datasheet HTML 85Page - Advanced Micro Devices AM186EM Datasheet HTML 86Page - Advanced Micro Devices AM186EM Datasheet HTML 87Page - Advanced Micro Devices AM186EM Datasheet HTML 88Page - Advanced Micro Devices AM186EM Datasheet HTML 89Page - Advanced Micro Devices AM186EM Datasheet HTML 90Page - Advanced Micro Devices AM186EM Datasheet HTML 91Page - Advanced Micro Devices AM186EM Datasheet HTML 92Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 98 page
background image
88
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
Ready and Peripheral Timing (33 MHz and 40 MHz)
Notes:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
This timing must be met to guarantee proper operation.
b
This timing must be met to guarantee recognition at the clock edge.
Synchronous Ready Waveforms
Preliminary
Parameter
33 MHz
40 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
Ready and Peripheral Timing Requirements
47
tSRYCL
SRDY Transition Setup Time(a)
8
5
ns
48
tCLSRY
SRDY Transition Hold Time(a)
3
2
ns
49
tARYCH
ARDY Resolution Transition
Setup Time(b)
8
5
ns
50
tCLARX
ARDY Active Hold Time(a)
4
3
ns
51
tARYCHL ARDY Inactive Holding Time
6
5
ns
52
tARYLCL ARDY Setup Time
(a)
10
5
ns
53
tINVCH
Peripheral Setup Time(b)
8
5
ns
54
tINVCL
DRQ Setup Time(b)
8
5
ns
Peripheral Timing Responses
55
tCLTMV
Timer Output Delay
15
12
ns
CLKOUTA
tW
tW
tW
t4
SRDY
t3
tW
tW
t4
t2
t3
tW
t4
t1
t2
t3
t4
Case 2
Case 3
Case 4
47
48
Case 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com