Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 50 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 50 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 46Page - Advanced Micro Devices AM186EM Datasheet HTML 47Page - Advanced Micro Devices AM186EM Datasheet HTML 48Page - Advanced Micro Devices AM186EM Datasheet HTML 49Page - Advanced Micro Devices AM186EM Datasheet HTML 50Page - Advanced Micro Devices AM186EM Datasheet HTML 51Page - Advanced Micro Devices AM186EM Datasheet HTML 52Page - Advanced Micro Devices AM186EM Datasheet HTML 53Page - Advanced Micro Devices AM186EM Datasheet HTML 54Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
50
Am186/188EM and Am186/188EMLV Microcontrollers
PRELIMINA R Y
PROGRAMMABLE I/O (PIO) PINS
There are 32 pins on the Am186EM and Am188EM mi-
crocontrollers that are available as user multipurpose
signals. Table 2 and Table 3 on page 30 list the PIO
pins. Each of these pins can be used as a user-pro-
grammable input or output signal if the normal shared
function is not needed.
If a pin is enabled to function as a PIO signal, the pre-
assigned signal function is disabled and does not affect
the level on the pin. A PIO signal can be configured to
operate as an input or output with or without a weak
pullup or pulldown, or as an open-drain output.
After power-on reset, the PIO pins default to various
configurations. The column titled
Power-On Reset Sta-
tus in Table 2 and Table 3 on page 30 lists the defaults for
the PIOs. The system initialization code must reconfigure
the PIOs as required.
The A19–A17 address pins default to normal operation
on power-on reset, allowing the processor to correctly
begin fetching instructions at the boot address
FFFF0h. The DT/R, DEN, and SRDY pins also default to
normal operation on power-on reset.
Note that emulators use A19, A18, A17, S6, and UZI.
If the AD15–AD0 bus override is enabled on power-on
reset, then S6/CLKDIV2 and UZI revert to normal opera-
tion instead of PIO input with pullup. If BHE/ADEN (186)
or RFSH2/ADEN (188) is held Low during power-on reset
the AD15–AD0 bus override is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com