Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 57 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 57 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 53Page - Advanced Micro Devices AM186EM Datasheet HTML 54Page - Advanced Micro Devices AM186EM Datasheet HTML 55Page - Advanced Micro Devices AM186EM Datasheet HTML 56Page - Advanced Micro Devices AM186EM Datasheet HTML 57Page - Advanced Micro Devices AM186EM Datasheet HTML 58Page - Advanced Micro Devices AM186EM Datasheet HTML 59Page - Advanced Micro Devices AM186EM Datasheet HTML 60Page - Advanced Micro Devices AM186EM Datasheet HTML 61Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
57
P R E L IMINAR Y
Table 12 shows typical maximum ambient temperatures in degrees Centigrade for a TQFP package used with a
2-layer board. The typical ambient temperatures are based on a 100-degree Centigrade maximum case tempera-
ture. Figure 18 illustrates the typical temperatures in Table 12.
Table 12.
Typical Ambient Temperatures for TQFP with 2-Layer Board
Figure 18.
Typical Ambient Temperatures for TQFP with 2-Layer Board
Microcontroller
Speed
Typical Power
(Watts)
Linear Feet per Minute Airflow
0 fpm
200 fpm
400 fpm
600 fpm
40 MHz
1.239
43.006
55.396
62.83
65.308
33 MHz
1.07085
50.7409
61.4494
67.8745
70.0162
25 MHz
0.81125
62.6825
70.795
75.6625
77.285
20 MHz
0.649
70.146
76.636
80.53
81.828
Airflow (Linear Feet Per Minute)
q
q
q
q
I
I
I
I
x
x
x
x
s
s
s
s
0 fpm
200 fpm
400 fpm
600 fpm
q 40 MHz
s 20 MHz
x 25 Mhz
H 33 MHz
Legend:
40
50
60
70
80
90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com