Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 11Page - Advanced Micro Devices AM186EM Datasheet HTML 12Page - Advanced Micro Devices AM186EM Datasheet HTML 13Page - Advanced Micro Devices AM186EM Datasheet HTML 14Page - Advanced Micro Devices AM186EM Datasheet HTML 15Page - Advanced Micro Devices AM186EM Datasheet HTML 16Page - Advanced Micro Devices AM186EM Datasheet HTML 17Page - Advanced Micro Devices AM186EM Datasheet HTML 18Page - Advanced Micro Devices AM186EM Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
15
P R E L IMINAR Y
TQFP PIN ASSIGNMENTS—Am188EM Microcontroller
(Sorted by Pin Number)
Pin No. Name
Pin No. Name
Pin No. Name
Pin No. Name
1
AD0
26
SCLK/PIO20
51
A11
76
INT3/INTA1/IRQ
2
AO8
27
RFSH2/ADEN
52
A10
77
INT2/INTA0/PIO31
3
AD1
28
WR
53
A9
78
INT1/SELECT
4
AO9
29
RD
54
A8
79
INT0
5
AD2
30
ALE
55
A7
80
UCS/ONCE1
6
AO10
31
ARDY
56
A6
81
LCS/ONCE0
7
AD3
32
S2
57
A5
82
PCS6/A2/PIO2
8
AO11
33
S1
58
A4
83
PCS5/A1/PIO3
9
AD4
34
S0
59
A3
84
VCC
10
AO12
35
GND
60
A2
85
PCS3/PIO19
11
AD5
36
X1
61
VCC
86
PCS2/PIO18
12
GND
37
X2
62
A1
87
GND
13
AO13
38
VCC
63
A0
88
PCS1/PIO17
14
AD6
39
CLKOUTA
64
GND
89
PCS0/PIO16
15
VCC
40
CLKOUTB
65
GND
90
VCC
16
AO14
41
GND
66
WB
91
MCS2/PIO24
17
AD7
42
A19/PIO9
67
HLDA
92
MCS3/RFSH/PIO25
18
AO15
43
A18/PIO8
68
HOLD
93
GND
19
S6/CLKDIV2/PIO29
44
VCC
69
SRDY/PIO6
94
RES
20
UZI/PIO26
45
A17/PIO7
70
NMI
95
TMRIN1/PIO0
21
TXD/PIO27
46
A16
71
DT/R/PIO4
96
TMROUT1/PIO1
22
RXD/PIO28
47
A15
72
DEN/PIO5
97
TMROUT0/PIO10
23
SDATA/PIO21
48
A14
73
MCS0/PIO14
98
TMRIN0/PIO11
24
SDEN1/PIO23
49
A13
74
MCS1/PIO15
99
DRQ1/PIO13
25
SDEN0/PIO22
50
A12
75
INT4/PIO30
100
DRQ0/PIO12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com