Electronic Components Datasheet Search
  English  ▼

X  

AM186EM Datasheet(PDF) 75 Page - Advanced Micro Devices

Part # AM186EM
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186EM Datasheet(HTML) 75 Page - Advanced Micro Devices

Back Button AM186EM Datasheet HTML 71Page - Advanced Micro Devices AM186EM Datasheet HTML 72Page - Advanced Micro Devices AM186EM Datasheet HTML 73Page - Advanced Micro Devices AM186EM Datasheet HTML 74Page - Advanced Micro Devices AM186EM Datasheet HTML 75Page - Advanced Micro Devices AM186EM Datasheet HTML 76Page - Advanced Micro Devices AM186EM Datasheet HTML 77Page - Advanced Micro Devices AM186EM Datasheet HTML 78Page - Advanced Micro Devices AM186EM Datasheet HTML 79Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 98 page
background image
Am186/188EM and Am186/188EMLV Microcontrollers
75
P R E L IMINAR Y
SWITCHING CHARACTERISTICS over COMMERCIAL operating range
PSRAM Refresh Cycle (20 MHz and 25 MHz)
Note:
All timing parameters are measured at 1.5 V with 50 pF loading on CLKOUTA unless otherwise noted. All output test conditions
are with CL = 50 pF. For switching tests, VIL = 0.45 V and VIH = 2.4 V, except at X1 where VIH = VCC – 0.5 V.
a
Equal loading on referenced pins.
Preliminary
Parameter
20 MHz
25 MHz
No.
Symbol
Description
Min
Max
Min
Max
Unit
General Timing Responses
9
tCHLH
ALE Active Delay
25
20
ns
10
tLHLL
ALE Width
tCLCL–10=
40
tCLCL–10=
30
ns
11
tCHLL
ALE Inactive Delay
25
20
ns
Read/Write Cycle Timing Responses
25
tCLRL
RD Active Delay
0
25
0
20
ns
26
tRLRH
RD Pulse Width
2tCLCL–15
=85
2tCLCL–15
=65
ns
27
tCLRH
RD Inactive Delay
0
25
0
20
ns
28
tRHLH
RD Inactive to ALE High(a)
tCLCH–3
tCLCH–3
ns
80
tCLCLX
LCS Inactive Delay
0
25
0
20
ns
81
tCLCSL
LCS Active Delay
0
25
0
20
ns
Refresh Timing Cycle Parameters
79
tCLRFD
CLKOUTA Low to RFSH Valid
0
25
0
20
ns
82
tCLRF
CLKOUTA High to RFSH Invalid
0
25
0
20
ns
85
tRFCY
RFSH Cycle Time
6
• t
CLCL
6
• t
CLCL
ns
86
tLCRF
LCS Inactive to RFSH Active Delay
2tCLCL–3
2tCLCL–3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com