Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 16 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 9883 Datasheet HTML 12Page - Intel Corporation 9883 Datasheet HTML 13Page - Intel Corporation 9883 Datasheet HTML 14Page - Intel Corporation 9883 Datasheet HTML 15Page - Intel Corporation 9883 Datasheet HTML 16Page - Intel Corporation 9883 Datasheet HTML 17Page - Intel Corporation 9883 Datasheet HTML 18Page - Intel Corporation 9883 Datasheet HTML 19Page - Intel Corporation 9883 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
16
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.0
Functional Description
3.1
Introduction
As a fully integrated IEEE 802.3 compliant repeater capable of 10 Mbps and 100 Mbps operation,
the LXT98x3 is a versatile device allowing great flexibility in Ethernet design solutions. Figure 3
shows a typical application. Refer to "Application Information” on page 32. for specific circuit
implementations.
102
RBIAS
A
RBIAS. Used to provide bias current for internal circuitry. The 100
µA bias
current is provided through an external 22.1 k
Ω, 1% resistor to GND.
79
RPS_PRES
I
PD
Redundant Power Supply Present. Active High input indicates presence of
redundant power supply. Tie Low if not used.
78
RPS_FAULT
I
PU
Redundant Power Supply Fault. Active Low input indicates redundant power
supply fault. The state of this input is reflected in the RPS_LED output (refer to
LED section). Tie High if not used.
Table 7.
Miscellaneous Signal Descriptions
Pin
Symbol
Type1, 2
Description
53
RESET
I
Schmitt
Reset. This active Low input causes internal circuits, state machines and
counters to reset (address tracking registers do not reset). On power-up,
devices should not be brought out of reset until the power supply stabilizes to
3.3V. When there are multiple devices, it is recommended all be supplied by
a common reset driven by an ‘LS14 or similar device.
54
CLK25
I
Schmitt
25 MHz system clock. Refer to Table 21 on page 44.
72
FPS
I
TTL
First Position Select. In multi-chip configurations, this pin identifies one
device on each board that drives the HOLDCOL signal to extend non-local
collisions to other devices on the board. Set Low for first device on the PCB.
Set High for all other devices on the PCB.
25, 33, 51, 52,
55-60, 63-71,
73, 178, 182,
198, 201
N/C
-
No Connects. Leave these pins unconnected.
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, A I/O = Analog Input/Output, OD = Open
Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.
Table 6.
Power Supply and Indication Signal Descriptions (Continued)
Pin
Symbol
Type
1, 2
Description
1. I = Input, O = Output, I/O = Input/Output, D = Digital, A = Analog, AI = Analog Input, A I/O = Analog Input/Output, OD = Open
Drain,
OS = Open Source, PD = Pull Down, PU = Pull Up.
NC = No Clamp. Pad does not clamp input in the absence of power.
2. Pins are 5V tolerant, unless indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com