Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 29 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 29 Page - Intel Corporation

Back Button 9883 Datasheet HTML 25Page - Intel Corporation 9883 Datasheet HTML 26Page - Intel Corporation 9883 Datasheet HTML 27Page - Intel Corporation 9883 Datasheet HTML 28Page - Intel Corporation 9883 Datasheet HTML 29Page - Intel Corporation 9883 Datasheet HTML 30Page - Intel Corporation 9883 Datasheet HTML 31Page - Intel Corporation 9883 Datasheet HTML 32Page - Intel Corporation 9883 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
29
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.7.2
10M-Only Operation
3.7.2.1
MAC IRB Access
The MACACTIVE pin allows an external MAC or other digital ASIC to interface directly to the
10 Mbps IRB. When the MACACTIVE pin is asserted, the LXT98x3 drives the IR10CFS and
IR10CFSBP signals on behalf of the external device, allowing it to participate in collision detection
functions.
3.7.3
LXT98x/91x/98xx Compatibility
The LXT98x3 devices feature low-power 3.3V design. The LXT98x and LXT91x devices operate
at 5V and are incompatible with the LXT98x3 devices in cascades. The LXT98x3 devices,
however, are backwards stackable with LXT98x and LXT91x repeaters.
Refer to "Inter-Repeater Backplane Compatibility” on page 41..
Figure 7. 100M IRB Connection
IR100DAT(4:0)
IR100DV
IR100CLK
IR100CFS
IR100DAT(4:0)
IR100DV
IR100CLK
IR100CFSBP
HUB #1
HUB #2
IR100DEN
IR100DEN
IR100SNGL
IR100COL
IR100CFS
IR100SNGL
IR100COL
LXT98x3
LXT98x3
(0)
LXT98x3
(0)
LXT98x3
Cascade
Stack



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com