Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 56 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 56 Page - Intel Corporation

Back Button 9883 Datasheet HTML 48Page - Intel Corporation 9883 Datasheet HTML 49Page - Intel Corporation 9883 Datasheet HTML 50Page - Intel Corporation 9883 Datasheet HTML 51Page - Intel Corporation 9883 Datasheet HTML 52Page - Intel Corporation 9883 Datasheet HTML 53Page - Intel Corporation 9883 Datasheet HTML 54Page - Intel Corporation 9883 Datasheet HTML 55Page - Intel Corporation 9883 Datasheet HTML 56Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
56
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
6.0
Mechanical Specifications
Figure 26. LXT98x3 Package Specifications
e/
2
A
1
A
2
L
A
b
L
1
θ
3
θ
2
θ
D
D
1
E
E
1
e
Dim
Millimeters
Min
Max
A
-
4.10
A1
0.25
-
A2
3.20
3.60
b
0.17
0.27
D
30.30
30.90
D1
27.70
28.30
E
30.30
30.90
E1
27.70
28.30
e
.50 BASIC
L
0.50
0.75
L1
1.30 REF
q
0°
7°
θ
2
5°
16°
θ
3
5°
16°
208-Pin Plastic Quad Flat Package
•
Part Numbers: LXT9883HC, LXT9863HC
•
Commercial Temperature Range (0
°C to 70°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com