Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 51 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 51 Page - Intel Corporation

Back Button 9883 Datasheet HTML 47Page - Intel Corporation 9883 Datasheet HTML 48Page - Intel Corporation 9883 Datasheet HTML 49Page - Intel Corporation 9883 Datasheet HTML 50Page - Intel Corporation 9883 Datasheet HTML 51Page - Intel Corporation 9883 Datasheet HTML 52Page - Intel Corporation 9883 Datasheet HTML 53Page - Intel Corporation 9883 Datasheet HTML 54Page - Intel Corporation 9883 Datasheet HTML 55Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
51
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 21. 10BASE-T MII-to-TP Timing
Table 30. 10BASE-T MII-to-TP Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
2
Test Conditions
TXD, TX_EN, TX_ER Setup to TX_CLK High
t10A
10
––
ns
–
TXD, TX_EN, TX_ER Hold from TX_CLK High
t10B
5
––
ns
–
TX_EN sampled to CRS asserted
t10C
0.92
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT for
10BASE-T = 10-7 s or 100ns.
TX_CLK
TXD,
TX_EN,
TX_ER
CRS
t10A
t10B
t10C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com