Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 44 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 44 Page - Intel Corporation

Back Button 9883 Datasheet HTML 40Page - Intel Corporation 9883 Datasheet HTML 41Page - Intel Corporation 9883 Datasheet HTML 42Page - Intel Corporation 9883 Datasheet HTML 43Page - Intel Corporation 9883 Datasheet HTML 44Page - Intel Corporation 9883 Datasheet HTML 45Page - Intel Corporation 9883 Datasheet HTML 46Page - Intel Corporation 9883 Datasheet HTML 47Page - Intel Corporation 9883 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
44
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
5.0
Test Specifications
Note:
Table 19 through Table 34 and Figure 18 through Figure 25 represent the target specifications of
the LXT98x3 and are subject to change. Final values will be guaranteed by test except, where
noted, by design. The minimum and maximum values listed in Table 21 through Table 34 will be
guaranteed over the recommended operating conditions specified in Table 20.
Table 19. Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Supply voltage
VCC
-0.3
4.0
V
Storage temperature
TST
-65
+150
ºC
Caution: Exceeding these values may cause permanent damage. Functional operation under these conditions is not implied.
Exposure to maximum rating conditions for extended periods may affect device reliability.
Table 20. Operating Conditions
Parameter
Sym
Min
Typ
1
Max
Units
Recommended supply voltage
VCC
3.15
3.3
3.45
V
VCCR
3.15
3.3
3.45
V
VCCT
3.15
3.3
3.45
V
Recommended operating temperature
Ambient
TOPA
0
–
70
°C
Case
TOPC
0
–
115
°C
Power consumption
8 ports active
PC
––
3.03
W
6 ports active
PC
––
2.50
W
1. Typical values are at 25° C and are for design aid only; they are not guaranteed and not subject to production testing.
Table 21. Input System Clock
1 Requirements
Parameter
2
Symbol
Min
Typ
3
Max
Units
Test Conditions
Frequency
––
25
–
MHz
–
Frequency Tolerance
––
–
±100
PPM
–
Duty Cycle
–
40
–
60
%
–
1. The system clock is CLK25 (Pin 54).
2. These requirements apply to the external clock supplied to the LXT98x3, not to LXT98x3 test specifications.
3. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com