Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 54 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 54 Page - Intel Corporation

Back Button 9883 Datasheet HTML 48Page - Intel Corporation 9883 Datasheet HTML 49Page - Intel Corporation 9883 Datasheet HTML 50Page - Intel Corporation 9883 Datasheet HTML 51Page - Intel Corporation 9883 Datasheet HTML 52Page - Intel Corporation 9883 Datasheet HTML 53Page - Intel Corporation 9883 Datasheet HTML 54Page - Intel Corporation 9883 Datasheet HTML 55Page - Intel Corporation 9883 Datasheet HTML 56Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
54
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 24. 10 Mbps TP-to-IRB Timing
Table 33. 10 Mbps TP-to-IRB Timing Parameters
1
Parameter
2
Symbol
Min
Typ
3
Max
Units
4
Test Conditions
TPIP/N to IR10ENA Low
t13A
3
5.1
7
BT
–
IR10CLK rising edge to
IR10DAT rising edge.
t13B
25
-
55
ns
330
Ω pull-up, 150pF load on IR10DAT.
1 k
Ω pull-up, 150pF load on IRCLK.
IR10CLK rising edge to
IR10DAT falling edge.
t13C
5
-
25
ns
1. This table contains propagation delays from the TP ports to the IRB for normal repeater operation. All values in this table are
output timings.
2. There is a delay of approximately 13 to 16 bit times between the assertion of IR10ENA and the assertion of IR10CLK and
IR10DAT. This delay does not affect repeater operation because downstream devices begin generating preamble as soon as
IR10ENA is asserted.
3. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
4. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT for
10BASE-T = 10
-7 s or 100ns.
TPIP/N
IR10ENA
IR10DAT
t13A
t13B
IR10CLK
t13C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com