Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 6 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 9883 Datasheet HTML 2Page - Intel Corporation 9883 Datasheet HTML 3Page - Intel Corporation 9883 Datasheet HTML 4Page - Intel Corporation 9883 Datasheet HTML 5Page - Intel Corporation 9883 Datasheet HTML 6Page - Intel Corporation 9883 Datasheet HTML 7Page - Intel Corporation 9883 Datasheet HTML 8Page - Intel Corporation 9883 Datasheet HTML 9Page - Intel Corporation 9883 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Contents
6
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Revision History
Date
Revision
Page
Description
August 2001
003
44
Modify the Absolute Maximum Ratings Supply Voltage value to 4.0V.
February 2001
002
21, 37
Modified clock requirements language.
21
Replaced TBD value under reset to 3.15V.
33
Replaced TBDs in fourth para under Supply Filtering to 1000 mA and
1500 mA.
36
Replaced TBDs in fourth bullet under Twisted-Pair Interface to 1000
mA and 1500 mA.
37
Modified Oscillator Manufacturers table
43
Typical 100 Mbps IRB Implementation table:
Modified note 2 (replaced “FPS/ = 0” with “FPS/
≠ 0.”
43
Typical 10 Mbps IRB Implementation table:
Modified note 2 (replaced “FPS/ = 0” with “FPS/
≠ 0.”
44
Absolute Maximum Ratings table:
Replaced TBD for Supply Voltage under Max to 3.45.
Deleted Operating Temperature lines and values.
44
Operating Conditions table:
For Power Consumption: removed Auto-Negotiation values.
Changed description and values for 8- and 6-port active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com