Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 27 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 9883 Datasheet HTML 23Page - Intel Corporation 9883 Datasheet HTML 24Page - Intel Corporation 9883 Datasheet HTML 25Page - Intel Corporation 9883 Datasheet HTML 26Page - Intel Corporation 9883 Datasheet HTML 27Page - Intel Corporation 9883 Datasheet HTML 28Page - Intel Corporation 9883 Datasheet HTML 29Page - Intel Corporation 9883 Datasheet HTML 30Page - Intel Corporation 9883 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
27
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Table 13. LED Mode 3 Indications
LED
Operating Mode
Hardware Control
On
Blink
Off
PORTnLED1
10 Mbps operation
Link_OK, not
Port_Partitioned
N/A
Any other state
100 Mbps operation
PORTnLED2
Any
Rcv_Activity
(20 ms pulse)
2
N/A
Any other state
PORTnLED3
AUTOBLINK active
100M Link_OK
No Link_OK
(Fast Blink)
10M Link_OK
AUTOBLINK inactive
100M mode selected
N/A
10M mode selected
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per Segment basis. Pulse
stretchers are used to extend the on-time for the LEDs. For every on-
cycle of the stretched LEDs, an off-cycle, with the same period as the on-
cycle, always follows.
The collision LEDs turn on for approximately 120
µs when the LXT98x3
detects a collision on the segments. During the time that the LED is on,
any additional collisions is ignored by the collision LED logic.
The activity LEDs turn on for approximately 4 ms when the LXT98x3
detects any activity on the segments. During the time that the LED is on,
any additional activity is ignored by the activity LED logic.
Global Fault
Any
Any Port_Partitioned
or
RPS_Fault and
RPS_Present
N/A
Any other state
RPS Fault
Any
RPS_Present,
RPS_Fault
1. Refer to Table 10: LED Terms, which defines all key terms used in this section.
2. Receive activity is stretched to a 20 ms wide pulse. For every on-cycle of the stretched LEDs, an off-cycle, with the same
period as the on-cycle, always follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com