Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 28 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 28 Page - Intel Corporation

Back Button 9883 Datasheet HTML 24Page - Intel Corporation 9883 Datasheet HTML 25Page - Intel Corporation 9883 Datasheet HTML 26Page - Intel Corporation 9883 Datasheet HTML 27Page - Intel Corporation 9883 Datasheet HTML 28Page - Intel Corporation 9883 Datasheet HTML 29Page - Intel Corporation 9883 Datasheet HTML 30Page - Intel Corporation 9883 Datasheet HTML 31Page - Intel Corporation 9883 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
28
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.6.6.4
LED Mode 4
Mode 4 operations are described in Table 14.
3.7
IRB Operation
The Inter-Repeater Backplane (IRB) allows multiple devices to operate as a single logical repeater,
exchanging data and collision status information. Each segment on the LXT98x3 has its own
complete, independent IRB. The backplanes use a combination of digital and analog signals as
shown in Figure 8 on page 30.
3.7.1
IRB Signal Types
IRB signals can be characterized by the following connection types (For Stacking and Cascading
connections, see Table 15 on page 30):
• Local—connected between devices on the same board
• Stack—connected between boards
• Full—connected between devices in the same board and between boards.
Table 14. LED Mode 4 Indications
LED
Operating Mode
Hardware Control
1
On
Blink
Off
PORTnLED1
10 Mbps operation
Link_OK, not Port_Partitioned
20 ms Blink
indicates
Rcv_Activity
2
Any other state
100 Mbps operation
Any other state
PORTnLED2
10 Mbps operation
Link_OK, Port_Partitioned
N/A
Any other state
100 Mbps operation
PORTnLED3
AUTOBLINK active
100M Link_OK
No Link_OK
(Fast Blink))
10M Link_OK
AUTOBLINK inactive
N/A
Collision and
Activity LEDs
Any
The collision and activity LEDs are on a Per Segment basis. Pulse
stretchers are used to extend the on-time for the LEDs. For every on-cycle
of the stretched LEDs, an off-cycle, with the same period as the on-cycle,
always follows.
The collision LEDs turn on for approximately 120
µs when the LXT98x3
detects a collision on the segments. During the time that the LED is on, any
additional collisions are ignored by the collision LED logic.
The activity LEDs turns on for approximately 4 ms when the LXT98x3
detects any activity on the segments. During the time that the LED is on,
any additional activity is ignored by the activity LED logic.
Global
Fault
Any
Any port partitioned or
RPS_Fault and
RPS_ Present
N/A
Any other state
RPS Fault
Any
RPS_Fault and
RPS_ Present
1. Refer to Table 10: LED Terms, which defines all key terms used in this section.
2. Receive activity is stretched to a 20 ms wide pulse. For every on-cycle of the stretched LEDs, an off-cycle, with the same
period as the on-cycle, always follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com