Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 17 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 9883 Datasheet HTML 13Page - Intel Corporation 9883 Datasheet HTML 14Page - Intel Corporation 9883 Datasheet HTML 15Page - Intel Corporation 9883 Datasheet HTML 16Page - Intel Corporation 9883 Datasheet HTML 17Page - Intel Corporation 9883 Datasheet HTML 18Page - Intel Corporation 9883 Datasheet HTML 19Page - Intel Corporation 9883 Datasheet HTML 20Page - Intel Corporation 9883 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
17
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
This multi-port repeater provides six (LXT9863) or eight (LXT9883) 10BASE-T/100BASE-TX
ports. In addition, each device also provides two Media Independent Interface (MII) expansion
ports that may be connected to 10/100 MACs.
The LXT98x3 provides two repeater state machines and two Inter-Repeater Backplanes (IRB) on a
single chip—one for 10 Mbps and one for 100 Mbps operation. The 100 Mbps repeater meets IEEE
802.3 Class II requirements. The auto-negotiation capability of the LXT98x3 allows it to
communicate with connected nodes and configure itself accordingly.
The segmented backplane simplifies dual-speed operation, and allows multiple devices to be
stacked and function as one logical Class II repeater. Up to 240 ports (192 TP ports and 48 MII
ports) can be supported in a single stack.
3.2
Port Configuration
The LXT98x3 powers up in auto-negotiation mode for all twisted-pair ports.
3.2.1
Auto-Negotiation
All TP ports on power-up are configured to establish link via auto-negotiation. The port and link
partner establish link conditions by exchanging Fast Link Pulse (FLP) bursts. Each FLP burst
contains 16 bits of data advertising the port’s capabilities. If the link partner does not support auto-
negotiation, the LXT98x3 determines link state by listening for 100 Mbps IDLE symbols or 10
Mbps link pulses. If it detects either of these signals, it configures the port accordingly.
Figure 3. Typical LXT9883 Repeater Architecture
LXT9883 IC
Device
Management
10BASE-T
Repeater
100BASE-
X
Repeater
LED
Drivers
RMON &
SNMP
Counters
10 Mbps
Backplane
100 Mbps
Backplane
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
LXT9883 IC
Device
Management
10BASE-T
Repeater
100BASE-
X
Repeater
LED
Drivers
RMON &
SNMP
Counters
10 Mbps
Backplane
100 Mbps
Backplane
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
LXT9883 IC
10BASE-T
Repeater
100BASE-X
Repeater
LED
Drivers
10 Mbps
Backplane
100 Mbps
Backplane
10/100
PHY
10/100
PHY
MII
MII
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
10/100
PHY
Buffer
100M Backplane
Buffer
10M Backplane
MII to MII Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com