Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 41 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 41 Page - Intel Corporation

Back Button 9883 Datasheet HTML 37Page - Intel Corporation 9883 Datasheet HTML 38Page - Intel Corporation 9883 Datasheet HTML 39Page - Intel Corporation 9883 Datasheet HTML 40Page - Intel Corporation 9883 Datasheet HTML 41Page - Intel Corporation 9883 Datasheet HTML 42Page - Intel Corporation 9883 Datasheet HTML 43Page - Intel Corporation 9883 Datasheet HTML 44Page - Intel Corporation 9883 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Advanced 10/100 Unmanaged Repeater — LXT9883/9863
Datasheet
41
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.3
Inter-Repeater Backplane Compatibility
The Inter-repeater Backplane (IRB) comprises two parts:
• Local—the backplane between cascaded devices on the same board.
• Stack—the backplane between multiple boards.
Each of these backplanes consists of both analog and digital signals.
4.3.1
Local Backplane—3.3V Only
The LXT98x3 local backplane operates at 3.3V only. LXT98x and LXT91x devices operate at 5V.
LXT98x3 devices are, therefore, not cascadable with LXT98x and LXT91x devices.
Note:
Do not mix LXT98x3 with either LXT98x or LXT91x devices on the local backplanes.
4.3.2
Stack Backplane—3.3V or 5V
The LXT98x3 stack backplanes can be configured to be either 3.3V or 5V. COMP_SEL (Pin 39), a
special input pin, selects between the two voltage modes, depending on whether 3.3V or 5V is
applied.
4.3.2.1
3.3V-Only Stacks
Apply 3.3V to COMP_SEL, IR100CFSBP, IR10CFSBP, and IR10COLBP for LXT98x3 backplane
operation
4.3.2.2
For 5V Backwards Stackability
Apply 5V to COMP_SEL, IR100CFSBP, IR10CFSBP, and IR10COLBP for LXT98x and LXT91x
backplane operation.
Note:
With either mode (3.3V or 5V), COMP_SEL draws less than 3 mA.
1. The external pull-up resistor values remain the same, regardless of 3.3V or 5V backplane
operation.
2. The recommended digital signal external buffer has been changed to 74LVT245 for the
LXT98x3.
4.3.2.3
3.3V and 5.0V Stacking Boards Cannot Be Mixed
4.3.2.3.1
3.3V Operation
Boards designed for 3.3V backplane operation should only be stacked with other 3.3V boards.
Existing LXT98x or LXT91x based designs cannot operate in 3.3V.
4.3.2.3.2
Incompatible Stacking Configurations
The following stacking configurations are incompatible:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com