Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 48 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 48 Page - Intel Corporation

Back Button 9883 Datasheet HTML 44Page - Intel Corporation 9883 Datasheet HTML 45Page - Intel Corporation 9883 Datasheet HTML 46Page - Intel Corporation 9883 Datasheet HTML 47Page - Intel Corporation 9883 Datasheet HTML 48Page - Intel Corporation 9883 Datasheet HTML 49Page - Intel Corporation 9883 Datasheet HTML 50Page - Intel Corporation 9883 Datasheet HTML 51Page - Intel Corporation 9883 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
48
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
Figure 18. 100 Mbps TP Port-to-Port Delay Timing
Table 27. 100 Mbps TP Port-to-Port Delay Timing Parameters
Parameter
Symbol
Min
Typ
1
Max
Units
2
Test Conditions
TPIP/N to TPOP/N, start of transmission
t1A
––
46
BT
–
TPIP/N to TPOP/N, end of transmission
t1B
––
46
BT
–
TPIP/N collision to TPOP/N, start of jam
t1C
––
46
BT
–
TPIP/N idle to TPOP/N, end of jam
t1D
––
46
BT
–
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
2. Bit Time (BT) is the duration of one bit as transferred to/from the MAC and is the reciprocal of bit rate. BT for
100BASE-T = 10
-8 s or 10ns.
TP Input #2
t1C
P Input #1
TP Output
Jam
t1D
t1A
TP Input
TP Output
t1B
Normal Propagation
Collision Jamming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com