Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 40 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 40 Page - Intel Corporation

Back Button 9883 Datasheet HTML 36Page - Intel Corporation 9883 Datasheet HTML 37Page - Intel Corporation 9883 Datasheet HTML 38Page - Intel Corporation 9883 Datasheet HTML 39Page - Intel Corporation 9883 Datasheet HTML 40Page - Intel Corporation 9883 Datasheet HTML 41Page - Intel Corporation 9883 Datasheet HTML 42Page - Intel Corporation 9883 Datasheet HTML 43Page - Intel Corporation 9883 Datasheet HTML 44Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
40
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
4.2.9.3
Serial LEDs
The LXT98x3 provides a serial interface to support additional LED options. Standard shift
registers, either 74X595s (8-bit Serial-to-Parallel with Output Registers) or 74X164s (8-bit S/P
without registers) can be used to drive these additional LEDs. Collision10/100 and Activity10/100
status indications are provided on multiplexed configuration pins and duplicated on the serial port.
The LED serial interface consists of three outputs: clock (LEDCLK), parallel latch clock
(LEDLAT), and output data (LEDDAT). The parallel latch clock is used only with the 74X595
implementation. Refer to Figure 14 for an illustration of the LED serial interface circuit.
Potentially, 30 LEDs can be driven by the LED serial interface via 4 S/P devices. The S/P serial
output is connected to the serial input of the first serial input device. To expand the chain, connect
the last serial output to serial input of next serial interface device.
Serial LED data is output in the anticipated priority order, from least likely to most likely to be
used:
• Unused ‘595/‘164 parallel outputs
• MII Ports - LED1, 2, 3
• Miscellaneous LEDs (Repeat of Collision10/100, Repeat of Activity10/100, Global Fault,
RPS Fault)
• ACTGLED10
• ACTGLED100
This allows the user to leave off devices in the serial-to-parallel chain if the LEDs associated with
that condition aren’t desired. Refer to Figure 6 on page 23 which illustrates the LED serial interface
port signalling and Table 8 on page 23 which documents the Serial LED Stream.
.
Figure 14. Serial LED Circuit
SER
RCLK
SRCLK
Qa
Qb
.
.
.
Qh
Qh‘
LED cct.
LED cct.
LED cct.
R
VLED
LED cct.
VLED side
.
.
.
VLED = 3.3 to 5 Volts +/- 5%
74X595
.
.
.
LED cct.
LED cct.
LED cct.
.
.
.
Up to 2 more
‘595s/8xLEDs
LEDDAT
LEDLAT
LEDCLK
.
.
.
Up to 2 more
‘164s/8xLEDs
LED cct.
LED cct.
LED cct.
VLED
.
.
.
LED cct.
LED cct.
LED cct.
.
.
.
LEDDAT
LEDCLK
Qa
Qb
.
.
.
Qh
A
B
CLK
74X164
Qa
Qb
.
.
.
Qh
A
B
CLK
74X164
SER
RCLK
SRCLK
Qa
Qb
.
.
.
Qh
Qh‘
74X595
LXT98x3
LXT98x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com