Electronic Components Datasheet Search
  English  ▼

X  

9883 Datasheet(PDF) 22 Page - Intel Corporation

Part # 9883
Description  Advanced 10/100 Umnmanaged Repeater
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

9883 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 9883 Datasheet HTML 18Page - Intel Corporation 9883 Datasheet HTML 19Page - Intel Corporation 9883 Datasheet HTML 20Page - Intel Corporation 9883 Datasheet HTML 21Page - Intel Corporation 9883 Datasheet HTML 22Page - Intel Corporation 9883 Datasheet HTML 23Page - Intel Corporation 9883 Datasheet HTML 24Page - Intel Corporation 9883 Datasheet HTML 25Page - Intel Corporation 9883 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
LXT9883/9863 — Advanced 10/100 Unmanaged Repeater
22
Datasheet
Document #: 249115
Revision #: 003
Rev. Date: 08/07/01
3.6.2
LED Event Stretching
Short lived LED status events are stretched so they may be observed by the human eye. Refer to the
LED1, 2, 3 Modes section for stretching specifics.
3.6.3
Serial LED Interface
The LXT98x3 provides a serial interface to drive additional LEDs via external 8-bit Serial-to-
Parallel converters. A maximum of 30 LEDs can be driven, using four S/P devices. Collision10/
100, Activity10/100 status indications are output on multiplexed configuration pins and are
duplicated on the Serial Port (see "LED Pins Multiplexed with Configuration Inputs” on page 39.).
3.6.4
Serial Shifting
Figure 5 shows the Serial LED shift loading.
Figure 5. Serial LED Shift Loading
74X164
74X164
74X164
74X164
2
LXT98x3
MII
Misc
ACT10
ACT100
3
14
8
57
6
MII
1, 2, 3
Misc
Activity
10M
Activity
100M
Shift Order
MII1 LED1
Collision 10M
ACTG8
ACTG8
8
MII1 LED2
Collision 100M
ACTG7
ACTG7
7
MII1 LED3
Not Used
ACTG6
ACTG6
6
MII2 LED1
Activity 10M
ACTG5
ACTG5
5
MII2 LED2
Activity 100M
ACTG4
ACTG4
4
MI2 LED3
Global Fault
ACTG3
ACTG3
3
Not Used
Not Used
ACTG2
ACTG2
2
Not Used
RPS Fault
ACTG1
ACTG1
1
30 LEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com