| Electronic Components Datasheet Search |
|
82845GL Datasheet(PDF) 110 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82845GL Datasheet(HTML) 110 Page - Intel Corporation |
|
110 / 193 page ![]() Functional Description 110 Intel® 82845G/82845GL/82845GV GMCH Datasheet 4.2.5 DRAM Performance Description The overall memory performance is controlled by the DRAM timing register, pipelining depth used in the GMCH, memory speed grade, and the type of SDRAM used in the system. In addition, the exact performance in a system is also dependent on the total memory supported, external buffering, and memory array layout. The most important contribution to overall performance by the system memory controller is to minimize the latency required to initiate and complete requests to memory, and to support the highest possible bandwidth (full streaming, quick turnarounds). One measure of performance is the total flight time to complete a cache line request. A true discussion of performance involves the entire chipset, not just the system memory controller. Table 4-5. Address Translation and Decoding 64 1 Meg x 16 x 4 bks 32 12 x 8 x 2 R o w 24 11 12 x [26] 15 14 13 24 23 22 21 20 19 18 17 16 64 2 Meg x 8 x 4 bks 64 12 x 9 x 2 R o w 25 13 12 x [26] 15 14 25 24 23 22 21 20 19 18 17 16 128 2 Meg x 16 x 4 bks 64 12 x 9 x 2 R o w 25 13 12 x [26] 15 14 25 24 23 22 21 20 19 18 17 16 256 4 Meg x 16 x 4 bks 128 13 x 9 x 2 R o w 26 13 12 26 15 14 25 24 23 22 21 20 19 18 17 16 128 4 Meg x 8 x 4 bks 128 12 x 10 x 2 R o w 26 14 13 x [27] 15 26 25 24 23 22 21 20 19 18 17 16 256 8 Meg x 8 x 4 bks 256 13 x 10 x 2 R o w 27 14 13 27 15 26 25 24 23 22 21 20 19 18 17 16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |