Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 114 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 114 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 110Page - Intel Corporation 82845GL Datasheet HTML 111Page - Intel Corporation 82845GL Datasheet HTML 112Page - Intel Corporation 82845GL Datasheet HTML 113Page - Intel Corporation 82845GL Datasheet HTML 114Page - Intel Corporation 82845GL Datasheet HTML 115Page - Intel Corporation 82845GL Datasheet HTML 116Page - Intel Corporation 82845GL Datasheet HTML 117Page - Intel Corporation 82845GL Datasheet HTML 118Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 193 page
background image
Functional Description
114
Intel® 82845G/82845GL/82845GV GMCH Datasheet
4.3.1.6
4X AGP Protocol
In addition to the 1X and 2X AGP protocol, the GMCH supports 4X AGP read and write data
transfers and 4X sideband address generation. The 4X operation is compliant with the 4X AGP
specification as currently described in the Accelerated Graphics Port Interface Specification,
Revision 2.0.
The GMCH indicates that it supports 4X data transfers through RATE[2] (bit 2) of the AGP Status
register. When DATA_RATE[2] (bit 2) of the AGP Command register is set to 1 during system
initialization, the GMCH performs AGP read and write data transactions using 4X protocol. This
bit is not dynamic. Once this bit is set during initialization, the data transfer rate will not change.
The 4X data transfer protocol provides 1.06 GB/s transfer rates. The control signal protocol for the
4X data transfer protocol is identical to 1X/2X protocol. In 4X mode, 16 bytes of data are
transferred during each 66 MHz clock period. The minimum throttle-able block size remains four,
66 MHz clocks which means 64 bytes of data is transferred per block. Three additional signal pins
are required to implement the 4X data transfer protocol. These signal pins are complementary data
transfer strobes for the AD bus (2) and the SBA bus (1).
4.3.1.7
Fast Writes
The Fast Write (FW) transaction is from the core logic to the AGP master acting as a PCI target.
This type of access is required to pass data/control directly to the AGP master instead of placing
the data into main memory and then having the AGP master read the data. For 1X transactions, the
protocol simply follows the PCI Local Bus Specification, Revision 2.2. However, for higher speed
transactions (2X or 4X), FW transactions follow a combination for PCI and AGP bus protocols for
data movement.
4.3.1.8
AGP 1.5 V Connector
GMCH’s AGP buffers only support 1.5 V operation. Therefore, 845G chipsets only support 1.5 V
AGP connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com