Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 116 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 116 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 112Page - Intel Corporation 82845GL Datasheet HTML 113Page - Intel Corporation 82845GL Datasheet HTML 114Page - Intel Corporation 82845GL Datasheet HTML 115Page - Intel Corporation 82845GL Datasheet HTML 116Page - Intel Corporation 82845GL Datasheet HTML 117Page - Intel Corporation 82845GL Datasheet HTML 118Page - Intel Corporation 82845GL Datasheet HTML 119Page - Intel Corporation 82845GL Datasheet HTML 120Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 193 page
background image
Functional Description
116
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Memory Read Line, and Memory Read Multiple: These commands are treated identically
by the GMCH. The GMCH issues two snoops (a snoop followed by a snoop-ahead) on the host bus
and releases the processor bus for other traffic. When the first DWord of the first cache line is
delivered and GFRAME# is still asserted, the GMCH issues another snoop-ahead on the host bus.
This allows the GMCH to continuously supply data during memory read line and memory read
multiple bursts. When the transaction terminates, there may be a minimum of 2 cache lines and a
maximum of 2 cache lines plus 7 DWords buffered. Subsequent memory reads hitting the buffers
will return data from the buffer.
Memory Write and Memory Write and Invalidate: These commands are aliased and
processed identically. The GMCH supports data streaming for PCI-to-DRAM writes based on its
ability to buffer up to 128 bytes (16 QWords) of data before a snoop cycle must be completed on
the host bus. The GMCH is typically able to support longer write bursts, with the maximum length
dependent upon concurrent host bus traffic during PCI-DRAM write data streaming.
Fast Back-to-Back Transactions: The GMCH, as a target, supports fast back-to-back cycles
from a PCI initiator. As a PCI initiator, the GMCH is responsible for translating host cycles to
AGP/PCI_B cycles. The GMCH also transfers hub interface to AGP/PCI_B write cycles. Table 4-8
shows all the cycles that need to be translated.
Table 4-8. PCI Commands Supported by GMCH When Acting As an AGP/PCI_B Initiator
(Sheet 1 of 2)
Source Bus
Command
Other Encoded Information
GMCH Host Bridge
Corresponding
PCI_B Command
GC/BE[3:0]#
Encoding
Source Bus: Host
Deferred Reply
Don’t Care
None
N/A
Interrupt Acknowledge
Length
≤ 8 Bytes
None
N/A
Special Cycle
Shutdown
None
N/A
Halt
None
N/A
Stop Clock Grant
None
N/A
All Other Combinations
None
N/A
Branch Trace Message
None
None
N/A
I/O Read
Length
≤ 8 Bytes up to 4 BEx Asserted
I/O Read
0010
I/O Write
Length
≤ 8 Bytes up to 4 BEx Asserted
I/O Write
0011
I/O Read to 0CFCh
Length
≤ 8 Bytes up to 4 BEx Asserted
Configuration Read
1010
I/O Write to 0CFCh
Length
≤ 8 Bytes up to 4 BEx Asserted
Configuration Write
1011
Length
< 8 Bytes without All BEs Asserted
Memory Read
0110
Memory Read (Code or
Data)
Length = 8 Bytes with All BEs Asserted
Memory Read
1110
Memory Read
Invalidate
Length = 16 Bytes
None
N/A
Length = 32 Bytes Code Only
Memory Read
1110
Memory Write
Length
< 8 Bytes without All BEs Asserted
Memory Write
0111
Length = 16 Bytes
None
N/A
Length = 32 Bytes
Memory Write
0111
Locked Access
All Combinations
Unlocked Access1
As Applicable
Reserved Encodings
All Combinations
None
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com