Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 112 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 112 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 108Page - Intel Corporation 82845GL Datasheet HTML 109Page - Intel Corporation 82845GL Datasheet HTML 110Page - Intel Corporation 82845GL Datasheet HTML 111Page - Intel Corporation 82845GL Datasheet HTML 112Page - Intel Corporation 82845GL Datasheet HTML 113Page - Intel Corporation 82845GL Datasheet HTML 114Page - Intel Corporation 82845GL Datasheet HTML 115Page - Intel Corporation 82845GL Datasheet HTML 116Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 193 page
background image
Functional Description
112
Intel® 82845G/82845GL/82845GV GMCH Datasheet
4.3.1.2
AGP Target Operations
As an initiator, the GMCH does not initiate cycles using AGP enhanced protocols. The GMCH
supports AGP target interface to main memory only. The GMCH supports interleaved AGP and
PCI transactions. The Table 4-6 summarizes target operation support of GMCH for AGP masters.
NOTE:
N/A refers to a function that is not applicable
As a target of an AGP cycle, the GMCH supports all the transactions targeted at main memory and
summarized in Table 4-6. The GMCH supports both normal and high priority read and write
requests. The GMCH does not support AGP cycles to the hub interface. AGP cycles do not require
coherency management and all AGP-initiator accesses to main memory using AGP protocol are
treated as non-snoopable cycles. These accesses are directed to the AGP aperture in main memory
that is programmed as either uncacheable (UC) memory or write combining (WC) in the
processor’s MTRRs.
Table 4-6. AGP Commands Supported by GMCH When Acting As an AGP Target
AGP Command
GC/BE[3:0]#
Encoding
GMCH Host Bridge
Cycle Destination
Response As AGP Target
Read
0000
Main Memory
Low Priority Read
0000
Hub Interface
Complete with random data
Hi-Priority Read
0001
Main Memory
High Priority Read
0000
Hub Interface
Complete with random data
Reserved
0010
N/A
No Response
Reserved
0011
N/A
No Response
Write
0100
Main Memory
Low Priority Write
0100
Hub Interface
Cycle goes to SDRAM with BEs inactive
Hi-Priority Write
0101
Main Memory
High Priority Write
0101
Hub Interface
Cycle goes to SDRAM with BEs inactive -
does not go to hub interface
Reserved
0110
N/A
No Response
Reserved
0111
N/A
No Response
Long Read
1000
Main Memory
Low Priority Read
Hub Interface
Complete locally with random data - does
not go to hub interface
Hi-Priority Long
Read
1001
Main Memory
High Priority Read
Hub Interface
Complete with random data
Flush
1010
GMCH
Complete with QW of Random Data
Reserved
1011
N/A
No Response
Fence
1100
GMCH
No Response – Flag inserted in GMCH
request queue
Reserved
1101
N/A
No Response
Reserved
1110
N/A
No Response
Reserved
1111
N/A
No Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com