Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 138 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 138 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 134Page - Intel Corporation 82845GL Datasheet HTML 135Page - Intel Corporation 82845GL Datasheet HTML 136Page - Intel Corporation 82845GL Datasheet HTML 137Page - Intel Corporation 82845GL Datasheet HTML 138Page - Intel Corporation 82845GL Datasheet HTML 139Page - Intel Corporation 82845GL Datasheet HTML 140Page - Intel Corporation 82845GL Datasheet HTML 141Page - Intel Corporation 82845GL Datasheet HTML 142Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 193 page
background image
Functional Description
138
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Figure 4-2. Intel® 845G Chipset-Based System Clocking Diagram
Processor
DPLL
24 - 350
MHz
Core
PLL
Intel® ICH4
/2
PCI Slot 0
PCI Dev 5
PCI Dev 4
PCI Dev 3
PCI Dev 2
PCI Dev 1
PCI Slot 2
PCI Slot 1
D
I
M
M
0
D
I
M
M
1
Host
PLL
A
G
P
4
X
CK- 408
ITP
GMCH
14 MHz
OSC
Main PLL
400 MHz
48 MHz USB
14 MHz
48 MHz DOT
Low Voltage Differential Clocks
100/133 MHz
1
0
0
/
1
3
3
M
H
z
1
0
0
/
1
3
3
M
H
z
DDR
Differential Pairs
SDR
Differential Pairs
66 MHz
66 MHz
33 MHz
33 MHz
66 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
33 MHz
48 MHz DOT
48 MHz
PLL
100/
133 MHz
Low Voltage Differential Clocks
OR
100/133 MHz
Buffer
Section
200/266 MHz DDR
or
133 MHz SDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com