Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 139 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 139 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 135Page - Intel Corporation 82845GL Datasheet HTML 136Page - Intel Corporation 82845GL Datasheet HTML 137Page - Intel Corporation 82845GL Datasheet HTML 138Page - Intel Corporation 82845GL Datasheet HTML 139Page - Intel Corporation 82845GL Datasheet HTML 140Page - Intel Corporation 82845GL Datasheet HTML 141Page - Intel Corporation 82845GL Datasheet HTML 142Page - Intel Corporation 82845GL Datasheet HTML 143Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
139
System Address
System Address
5
An mPGA478 processor system based on the GMCH supports 4 GB of addressable memory space
and 64 KB+3 of addressable I/O space. There is a programmable memory address space under the
1-MB region that is divided into regions which can be individually controlled with programmable
attributes (e.g., disable, read/write, write only, or read only). Attribute programming is described in
Chapter 3. This section focuses on how the memory space is partitioned and what the separate
memory regions are used for. I/O address space has simpler mapping and is explained at the end of
this section.
The mPGA478 processor family supports addressing of memory ranges larger than 4 GB. The
GMCH claims any processor access over 4 GB and terminates the transaction without forwarding
it to the hub interface or AGP. Simply dropping the data terminates writes. For reads, the GMCH
returns all zeros on the host bus. Note that the 845G chipset does not support the PCI Dual Address
Cycle Mechanism; therefore, the GMCH does not allow addressing of greater than 4 GB on either
the hub interface or AGP interface.
In the following sections, it is assumed that all of the compatibility memory ranges reside on the
hub interface/PCI. The exception to this rule is VGA ranges, which may be mapped to AGP or to
the IGD. In the absence of more specific references, cycle descriptions referencing PCI should be
interpreted as the hub interface/PCI, while cycle descriptions referencing AGP are related to the
AGP bus. The 845G chipset memory address map includes a number of programmable ranges.
Warning: All of these ranges must be unique and non-overlapping. There are no hardware interlocks to
prevent problems in the case of overlapping ranges. Accesses to overlapped ranges may produce
indeterminate results.
5.1
System Memory Address Ranges
The GMCH provides a maximum SDRAM address decode space of 2 GB. The GMCH does not
remap APIC memory space. The GMCH does not limit SDRAM space in hardware.
Note: It is the BIOS or system designers’ responsibility to limit memory population so that adequate PCI,
AGP, High BIOS, and APIC memory space can be allocated.
Figure 5-1 shows the system memory address map in a simplified form. Figure 5-2 provides
additional details on mapping specific memory regions as defined and supported by the GMCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com