Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 140 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 140 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 136Page - Intel Corporation 82845GL Datasheet HTML 137Page - Intel Corporation 82845GL Datasheet HTML 138Page - Intel Corporation 82845GL Datasheet HTML 139Page - Intel Corporation 82845GL Datasheet HTML 140Page - Intel Corporation 82845GL Datasheet HTML 141Page - Intel Corporation 82845GL Datasheet HTML 142Page - Intel Corporation 82845GL Datasheet HTML 143Page - Intel Corporation 82845GL Datasheet HTML 144Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 193 page
background image
System Address
140
Intel® 82845G/82845GL/82845GV GMCH Datasheet
Figure 5-1. Memory System Address Map
Figure 5-2. Detailed Memory System Address Map
Main Memory
Address Range
PCI Memory
Address Range
Top of Main
Memory
4 GB
Graphics
Memory
AGP
Graphics
Aperture
Independently Programmable
Non-overlapping Windows
DOS Area
(640 KB)
000000h
0A0000h
09FFFFh
0C0000h
0BFFFFh
0E0000h
0DFFFFh
0FFFFFh
1 MB
896 KB
768 KB
640 KB
0 KB
0F0000h
0EFFFFh
960 KB
DOS
Compatibility
Memory
0 MB
Optionally
mapped to the
AGP
Std PCI/ISA
Video Mem
(SMM Mem)
128 KB
Expansion Card
BIOS
and Buffer Area
(128 KB;
16 KB x 8)
Lower BIOS Area
(64 KB; 16 KB x 4)
Upper BIOS Area
(64 KB)
System Memory
Space
64 GB
1 MB
16 MB
640 KB
15 MB
2 GB
4 GB Max TOM
Optional ISA Hole
Main Memory
Range
PCI
Memory
Range
Extended
Memory
AGP
Window
Graphics
Aperture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com