Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 183 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 183 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 179Page - Intel Corporation 82845GL Datasheet HTML 180Page - Intel Corporation 82845GL Datasheet HTML 181Page - Intel Corporation 82845GL Datasheet HTML 182Page - Intel Corporation 82845GL Datasheet HTML 183Page - Intel Corporation 82845GL Datasheet HTML 184Page - Intel Corporation 82845GL Datasheet HTML 185Page - Intel Corporation 82845GL Datasheet HTML 186Page - Intel Corporation 82845GL Datasheet HTML 187Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
183
Intel® 82845GL/82845GV GMCH
9.4
Intel® 82845G and Intel® 82845GL/82845GV Register
Differences
Chapter 3 describes the registers for the 82845G GMCH. This section describes the changes to
Chapter 3 for the 82845GL/82845GV GMCH. The differences are in the Device 0 and Device 1
register sets. The Device 2 registers are the same for the 82845G and 82845GL/82845GV.
9.4.1
DRAM Controller/Host-Hub Interface Device Registers
(Device 0)
9.4.1.1
Device 0 Registers Not in 82845GL/82845GV
The following registers are not in the 82845GL82845GV and the address locations are Intel
Reserved.
APBASE
— Aperture Base Configuration Register (Device 0)
Address Offset:
10–13h
Size:
32 bits
AGPM
— AGP Miscellaneous Configuration Register (Device 0)
Address Offset
51h
Size:
8 bits
ACAPID
— AGP Capability Identifier Register (Device 0)
Address Offset
A0–A3h
Size:
32 bits
AGPSTAT
— AGP Status Register (Device 0)
Address Offset
A4–A7h
Size:
32 bits
AGPCMD
— AGP Command Register (Device 0)
Address Offset
A8–ABh
Size:
32 bits
AGPCTRL
— AGP Control Register (Device 0)
Address Offset
B0–B3h
Size:
32 bits
APSIZE
— Aperture Size Register (Device 0)
Address Offset
B4h
Size:
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com