Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 186 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 186 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 182Page - Intel Corporation 82845GL Datasheet HTML 183Page - Intel Corporation 82845GL Datasheet HTML 184Page - Intel Corporation 82845GL Datasheet HTML 185Page - Intel Corporation 82845GL Datasheet HTML 186Page - Intel Corporation 82845GL Datasheet HTML 187Page - Intel Corporation 82845GL Datasheet HTML 188Page - Intel Corporation 82845GL Datasheet HTML 189Page - Intel Corporation 82845GL Datasheet HTML 190Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
186
Intel® 82845GL/82845GV GMCH
CAPREG—Capability Identification Register (Device 0)
Address Offset
E4h–E8h
Default Value
0x_x105_A009h
Access
RO
Size:
40 bits
9.4.2
Host-to-AGP Bridge Registers (Device 1)
Device 1 does not exist on the 82845GL/82845GV components. The Device 1 registers described
in Chapter 3. are not in the 82845GL/82845GV. For the 82845GL/82845GV, these register address
locations are Intel Reserved.
9.5
Synchronous Display Differences
The synchronous display is different between the 82845G and 82845GL\82845GV. For the
82845GL\82845GV, replace Section 4.5.2.2, Synchronous Display with the following:
Synchronous Display
Microsoft Windows 98 and Windows 2000 have enabled support for multi-monitor display.
Synchronous mode will display the same information on multiple displays.
Since the GMCH has several display ports available for its single pipe, it can support synchronous
display on two displays unless one of the displays is a TV. No synchronous display is available
when a TV is in use. The GMCH does not support two synchronous digital displays. The GMCH
cannot drive multiple displays concurrently (different data or timings). Since the GMCH does not
support AGP, it is incapable of operating in parallel with an external AGP device. The GMCH can,
however, work in conjunction with a PCI graphics adapter.
9.6
Intel® 82845GL\82845GV GMCH Ballout
Table 9-1 provides the 82845GL\82845GV ballout arranged alphabetically by signal name. The
differences between the ballout list in this chapter and the ballout list in Chapter 7 is that the AGP
signals have been replaced with their corresponding DVO signal names. Since not all 82845G AGP
signals are multiplexed, the remaining non-multiplexed 82845G AGP signal ballouts are shown in
Table 9-1 as No Connect (NC).
Bits
Description
15:8
Next_Pointer.
This field has the value A0h pointing to the next capabilities register, AGP
Capability Identifier Register (ACAPID). Since AGP is disabled (IGDIS = 0), this becomes the last
pointer in the device, and it is set to 00h signifying the end of the capabilities linked list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com