Electronic Components Datasheet Search
  English  ▼

X  

82845GL Datasheet(PDF) 185 Page - Intel Corporation

Part # 82845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845GL Datasheet(HTML) 185 Page - Intel Corporation

Back Button 82845GL Datasheet HTML 181Page - Intel Corporation 82845GL Datasheet HTML 182Page - Intel Corporation 82845GL Datasheet HTML 183Page - Intel Corporation 82845GL Datasheet HTML 184Page - Intel Corporation 82845GL Datasheet HTML 185Page - Intel Corporation 82845GL Datasheet HTML 186Page - Intel Corporation 82845GL Datasheet HTML 187Page - Intel Corporation 82845GL Datasheet HTML 188Page - Intel Corporation 82845GL Datasheet HTML 189Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
185
Intel® 82845GL/82845GV GMCH
GMCHCFG—GMCH Configuration Register (Device 0)
Address Offset
C6–C7h
Default Value
0C01h
Access
R/W, RO
Size:
16 bits
ERRSTS—Error Status Register (Device 0)
Address Offset
C8–C9h
Default Value
0000h
Access
R/WC
Size:
16 bits
ERRCMD—Error Command Register (Device 0)
Address Offset
CA–CBh
Default Value
0000h
Access
RO, R/W
Size:
16 bits
Bits
Description
12
(82845GL
Only)
Core/PSB Frequency Select (PSBFREQ)—RO.
The default value of this bit is set by the strap
assigned to pin PSBSEL and is latched at the rising edge of PWROK.
0 = PSB frequency is 400 MHz (PSBSEL sampled high on PWROK assertion)
1 = Indicates a processor running 533 MHz on the board. For the 82845GL, the board will not
boot.
3
AGP Mode (AGP/DVO#)—RO.
This bit reflects the ADD_DETECT strap value. This strap bit
determines the function of the AGP I/O signal.
0 = 2xDVO
1 = no DVO mode, internal graphics only.
When the strap is sampled low, this bit will be a 0 and DVO mode will be selected. When the
strap is sampled high, this bit will be a 1 and DVO mode will not be selected, and the internal
graphics device would be running.
Note that when this bit is set to 0 (DVO mode), Device 1 is disabled (configuration cycles fall-
through to the hub interface) and the Next Pointer field in CAPREG will be hardwired to zeros.
Bits
Description
4:0
Intel Reserved
Bits
Description
4:0
Intel Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com