Electronic Components Datasheet Search
  English  ▼

X  

NTP53X2 Datasheet(PDF) 105 Page - NXP Semiconductors

Part # NTP53X2
Description  NTAG 5 link - NFC Forum-compliant I2C bridge
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

NTP53X2 Datasheet(HTML) 105 Page - NXP Semiconductors

Back Button NTP53X2 Datasheet HTML 101Page - NXP Semiconductors NTP53X2 Datasheet HTML 102Page - NXP Semiconductors NTP53X2 Datasheet HTML 103Page - NXP Semiconductors NTP53X2 Datasheet HTML 104Page - NXP Semiconductors NTP53X2 Datasheet HTML 105Page - NXP Semiconductors NTP53X2 Datasheet HTML 106Page - NXP Semiconductors NTP53X2 Datasheet HTML 107Page - NXP Semiconductors NTP53X2 Datasheet HTML 108Page - NXP Semiconductors NTP53X2 Datasheet HTML 109Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 133 page
background image
NXP Semiconductors
NTP53x2
NTAG 5 link - NFC Forum-compliant I2C bridge
NTP53x2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 3.3 — 3 July 2020
COMPANY PUBLIC
544533
105 / 133
PWMx_ON and PWMx_OFF defines the starting point and end point of the PWMx output
is asserted to HIGH.
To calculate proper PWMx_ON (start of HIGH level) and PWMx_OFF (end of HIGH level)
values, PWMx_RESOLUTION_CONF value and PWM_PRESCALE values need to be
set to achieve desired PWM frequency. As an example 12-bit resolution is chosen. Duty
cycle shall be set to 20 % and start time shall be 10 % offset.
Start Time 10 %: 212 * 10/100= 4096 * 10/100 = ~410 -> PWMx_ON = 19Ah
PWM Duty Cycle 20 %: 212 * 20/100= 4096 * 20/100 = ~819 -> PWMx_OFF = 410 + 819
= 1229 = 4CDh
aaa-035480
0
0
819
410
1229
PWM_ON
PWM_OFF
819
4095
4095
410
1229
Figure 12. Pulse Width Modulation Example
How to use PWM in applications is described in AN11203.
8.3.5 Standby mode
To minimize overall current consumption, when the IC is supplied via VCC NTAG 5 link
can be set to standby mode by writing related session bit form NFC or I2C perspective.
The IC will leave standby mode according to configuration when NFC field is detected,
automatically, or HPD pin gets pulled to HIGH for at least 20 µs and released again. In
standby mode the current is typically less than 6 µA.
Worst case standby current consumption values can be found in Section 10.1 table.
In case SDA/SCLGPIO/PWM pins are not used the pins can be left floating. However, to
ensure lowest standby current, following settings are needed:
CONFIG bytes USE_CASE_CONF shall be set in any case to GPIO/PWM, both pins
SDA_GPIO1 and SCL_GPIO0 shall be set as input using weak pull-up (GPIOx_IN in).
Block 37h: CONFIG_1, USE_CASE_CONF shall be set to GPIO/PWM (10b) and
CONFIG, GPIOx_IN, both shall be set to plain input with weak pullup (01b).
Block 39h: PWM_GPIO_CONFIG_0, SDA_GPIO1 and SCL_GPIO0 shall both be set to
1b to define them as general-purpose input.
8.3.6 Hard power-down mode
In hard power-down mode NTAG 5 link is switched off using hard power down pin. When
pulled to HIGH, the hard power down current is typically less than 0.25 µA. This mode
can only be left by connecting HPD pin to ground.
There is no hard power-down mode, when using SO8 packaged version of NTAG 5 link.
Worst case hard power down current consumption values can be found in Section 10.1
table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com